Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39112B1652B510 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39112B1652B510
Description  SAW Components SAW RF low loss filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39112B1652B510 Datasheet(HTML) 4 Page - TDK Electronics

  B39112B1652B510 Datasheet HTML 1Page - TDK Electronics B39112B1652B510 Datasheet HTML 2Page - TDK Electronics B39112B1652B510 Datasheet HTML 3Page - TDK Electronics B39112B1652B510 Datasheet HTML 4Page - TDK Electronics B39112B1652B510 Datasheet HTML 5Page - TDK Electronics B39112B1652B510 Datasheet HTML 6Page - TDK Electronics B39112B1652B510 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
January 11, 2011
B1652
1076.06 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data sheet
Matching network (element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
V
machine model, 1 pulse
Input power at
1056.06... 1096.06 MHz PIN
0
dBm
source impedance 150
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
Lp1
Lp2
Lp1 = 33nH
Lp2 = 33nH


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn