Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39112B1652B510 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B39112B1652B510
Description  SAW Components SAW RF low loss filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39112B1652B510 Datasheet(HTML) 3 Page - TDK Electronics

  B39112B1652B510 Datasheet HTML 1Page - TDK Electronics B39112B1652B510 Datasheet HTML 2Page - TDK Electronics B39112B1652B510 Datasheet HTML 3Page - TDK Electronics B39112B1652B510 Datasheet HTML 4Page - TDK Electronics B39112B1652B510 Datasheet HTML 5Page - TDK Electronics B39112B1652B510 Datasheet HTML 6Page - TDK Electronics B39112B1652B510 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
January 11, 2011
B1652
1076.06 MHz
SAW Components
SAW RF low loss filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =150 Ω (balanced) and matching network
Terminating load impedance:
ZL = 150 Ω (balanced) and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
1076.06
MHz
Maximum insertion attenuation
α
max
1056.06 ... 1096.06 MHz
2.6
4.0
dB
Pass bandwidth
α
rel < 1.5 dB
B1.5 dB
53.6
MHz
Amplitude ripple (p-p)
∆α
1056.06 ... 1096.06 MHz
1.5
2.0
dB
Input return loss
8.0
12.0
dB
Output return loss
8.0
12.0
dB
Group delay ripple (p-p)
∆τ
1056.06 ... 1096.06 MHz
15.0
40.0
ns
Differential to common mode ratio
(|Sdd21/Scd21|)
1056.06 ... 1096.06 MHz
25.0
30.0
dB
Deviation from linear phase (rms)
in any 30 MHz band
1056.06 ... 1096.06 MHz
5.5
7.0
˚
Relative attenuation
α
50.00 ...
994.04 MHz
47.0
54.0
dB
1158.20 ... 3150.00 MHz
38.0
42.0
dB
3150.00 ... 6000.00 MHz
25.0
40.0
dB


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn