Electronic Components Datasheet Search |
|
SR1020CT Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd. |
|
SR1020CT Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd. |
1 / 2 page JF SR1060CT R SEMICONDUCT OR FEATURES MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Notes: 1.Pulse test: 300 s pulse width,1% duty cycle μ (Ratings at 25 ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive load. For capacitive load,derate by 20%.) ℃ 2.Thermal resistance from junction to case Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Metal silicon junction ,majority carrier conduction Guard ring for overvoltage protection Low power loss ,high efficiency High current capability ,Low forward voltage drop For use in low voltage ,high frequency inverters, free wheeling ,and polarity protection applications Dual rectifier construction High temperature soldering guaranteed:260 C/10 seconds,, 0.25"(6.35mm)from case Component in accordance to RoHS 2011 65 EU ° // Case: JEDEC TO-220AB molded plastic body Terminals: Lead solderable per MIL-STD-750,method 2026 Polarity: As marked Any Mounting Position: Dimensions in inches and (millimeters) SR1020CT THRU SR10 0CT 20 SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes TO-220AB 0.159(4.05) 0.105(2.67) 0.208(5.28) 0.037(0.94) 0.114(2.90) 0.161(4.10) 0.055(1.39) 0.185(4.70) 0.283(7.20) 0.560(14.22) 0.023(0.58) 0.138(3.50) 0.095(2.41) 0.192(4.88) 0.027(0.68) 0.102(2.60) 0.147(3.74) DIA 0.045(1.14) 0.175(4.44) 0.244(6.20) 0.516(13.10) 0.014(0.35) 0.410(10.41) PIN 0.390(9.91) 12 3 1.161(29.50) 1.106(28.10) 0.053(1.34) 0.047(1.20) 0.114(2.90) 0.098(2.50) JINAN JINGHENG ELECTRONICS CO., LTD. HTTP WWW.JINGHENGGROUP.COM :// 21 - Maximum repetitive peak reverse voltage VRRM Volts Volts Volts Volts m A Amps Amps VRMS VDC I(AV) IFSM TSTG VF IR Maximum RMS voltage Maximum DC blocking voltage Maximum instantaneous forward voltage at 5.0 A per leg(Notes 1 ) Typical thermal (Note 2) resistance s Operating junction temperature range Storage temperature range Maximum instantaneous reverse current at rated DC blocking voltage(Notes 1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) -55 to+150 2.5 200 5 - TJ 20 14 20 30 21 30 40 28 40 60 42 60 100 70 100 10.0 150.0 Symbols Units SR 1020CT SR 1030CT SR 1040CT SR 1060CT SR 10100CT SR 10200CT SR 10150CT 150 105 150 200 140 200 060 . 0.75 0.85 0.95 0.90 -55 to+150 50 - 5 5.0 Maximum average forward rectified current(see Fig.1) Per leg Total device T =25 C A ° T =100 C A ° T =125 C A ° RθJC °C/W °C °C A μ |
Similar Part No. - SR1020CT |
|
Similar Description - SR1020CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |