Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9985013100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9985013100
Description  Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9985013100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9985013100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9985013100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9985 001100
30 MT
0.091 KG
BROWN
26 STR PVC BRN
9985 0011000
305 MT
0.907 KG
BROWN
P
26 STR PVC BRN
9985 002100
30 MT
0.091 KG
RED
26 STR PVC RED
9985 0021000
305 MT
0.907 KG
RED
P
26 STR PVC RED
9985 003100
30 MT
0.091 KG
ORANGE
26 STR PVC ORG
9985 0031000
305 MT
0.907 KG
ORANGE
P
26 STR PVC ORG
9985 004100
30 MT
0.091 KG
YELLOW
26 STR PVC YEL
9985 0041000
305 MT
0.907 KG
YELLOW
P
26 STR PVC YEL
9985 005100
30 MT
0.091 KG
GREEN, DARK
26 STR PVC GRN
9985 0051000
305 MT
0.907 KG
GREEN, DARK
P
26 STR PVC GRN
9985 008100
30 MT
0.091 KG
GRAY
26 STR PVC GRY
9985 0081000
305 MT
0.907 KG
GRAY
P
26 STR PVC GRY
9985 009100
30 MT
0.091 KG
WHITE
26 STR PVC WHT
9985 0091000
305 MT
0.907 KG
WHITE
P
26 STR PVC WHT
9985 010100
30 MT
0.091 KG
BLACK
26 STR PVC BLK
9985 0101000
305 MT
0.907 KG
BLACK
P
26 STR PVC BLK
9985 013100
30 MT
0.091 KG
BLUE, DARK
26 STR PVC DK.BLU
9985 0131000
305 MT
0.907 KG
BLUE, DARK
P
26 STR PVC DK.BLU
Notes:
P = STRIPE COLORS ON STOCK SOLID COLORS. STRIPING ADDER OF $8.00/M' FOR1 OR 2 STRIPES. 10000' MINIMUM ORDER FOR COLOR
COMBINATION.PUT-UP WILL BE SUBJECT TO TWO PIECES (+ OR -) 10% PER SPOOL
Revision Number: 1
Revision Date: 08-16-2013
© 2013 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9985 Hook-up/Lead - UL AWM Style 1061


Similar Part No. - 9985013100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9985013100 ETC2-9985013100 Datasheet
96Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
99850131000 ETC2-99850131000 Datasheet
96Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
More results

Similar Description - 9985013100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344186 ETC2-1344186 Datasheet
93Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
1344466 ETC2-1344466 Datasheet
96Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
1344197 ETC2-1344197 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344199 ETC2-1344199 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344463 ETC2-1344463 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
9985 ETC2-9985 Datasheet
96Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344196 ETC2-1344196 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344542 ETC2-1344542 Datasheet
95Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344853 ETC2-1344853 Datasheet
96Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
1344540 ETC2-1344540 Datasheet
94Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com