Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9463J226000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9463J226000
Description  20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9463J226000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9463J226000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9463J226000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9463J226000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CL2, CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2464 (300 V 80°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
PMSHA Specification:
P-7K-SC-182141
Customer Part Number Reference Specification:
Allen Bradley P/N 1770-CD
Flame Test
UL Flame Test:
UL1685 UL Loading
Suitability
Sunlight Resistance:
Yes
Plenum/Non-Plenum
Plenum Number:
89463
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
78
Nom. Inductance:
Inductance (µH/m)
0.39372
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
64.6357
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
118.116
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/m)
5.05274
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
31.1695
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
Page 2 of 3
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9463 Twinax - Blue Hose® Cable


Similar Part No. - 9463J226000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9463J226000 ETC2-9463J226000 Datasheet
89Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
logo
Belden Inc.
9463J226000 BELDEN-9463J226000 Datasheet
270Kb / 3P
   Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
More results

Similar Description - 9463J226000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9463 ETC2-9463 Datasheet
89Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9892 ETC2-9892 Datasheet
104Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
1344170 ETC2-1344170 Datasheet
98Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors
1345981 ETC2-1345981 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1348165 ETC2-1348165 Datasheet
100Kb / 3P
   25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com