Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK18X7R1E105K Datasheet(PDF) 4 Page - TDK Electronics

Part # FK18X7R1E105K
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK18X7R1E105K Datasheet(HTML) 4 Page - TDK Electronics

  FK18X7R1E105K Datasheet HTML 1Page - TDK Electronics FK18X7R1E105K Datasheet HTML 2Page - TDK Electronics FK18X7R1E105K Datasheet HTML 3Page - TDK Electronics FK18X7R1E105K Datasheet HTML 4Page - TDK Electronics FK18X7R1E105K Datasheet HTML 5Page - TDK Electronics FK18X7R1E105K Datasheet HTML 6Page - TDK Electronics FK18X7R1E105K Datasheet HTML 7Page - TDK Electronics FK18X7R1E105K Datasheet HTML 8Page - TDK Electronics FK18X7R1E105K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
(4/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
FK24 AND FK14 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 50V
FK26 AND FK16 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK24 type
FK14 type
C0G
2700pF
±5%
50
FK24C0G1H272J
FK14C0G1H272J
C0G
3300pF
±5%
50
FK24C0G1H332J
FK14C0G1H332J
C0G
3900pF
±5%
50
FK24C0G1H392J
FK14C0G1H392J
C0G
4700pF
±5%
50
FK24C0G1H472J
FK14C0G1H472J
C0G
5600pF
±5%
50
FK24C0G1H562J
FK14C0G1H562J
C0G
6800pF
±5%
50
FK24C0G1H682J
FK14C0G1H682J
C0G
8200pF
±5%
50
FK24C0G1H822J
FK14C0G1H822J
C0G
10000pF
±5%
50
FK24C0G1H103J
FK14C0G1H103J
C0G
15000pF
±5%
50
FK24C0G1H153J
FK14C0G1H153J
C0G
22000pF
±5%
50
FK24C0G1H223J
FK14C0G1H223J
C0G
33000pF
±5%
50
FK24C0G1H333J
FK14C0G1H333J
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK26 type
FK16 type
C0G
4700pF
±5%
50
FK26C0G1H472J
FK16C0G1H472J
C0G
5600pF
±5%
50
FK26C0G1H562J
FK16C0G1H562J
C0G
6800pF
±5%
50
FK26C0G1H682J
FK16C0G1H682J
C0G
8200pF
±5%
50
FK26C0G1H822J
FK16C0G1H822J
C0G
10000pF
±5%
50
FK26C0G1H103J
FK16C0G1H103J
C0G
15000pF
±5%
50
FK26C0G1H153J
FK16C0G1H153J
C0G
22000pF
±5%
50
FK26C0G1H223J
FK16C0G1H223J
C0G
33000pF
±5%
50
FK26C0G1H333J
FK16C0G1H333J
C0G
47000pF
±5%
50
FK26C0G1H473J
FK16C0G1H473J
C0G
68000pF
±5%
50
FK26C0G1H683J
FK16C0G1H683J
C0G
0.1μF
±5%
50
FK26C0G1H104J
FK16C0G1H104J
4.5max.
5.0
±1.0
2.5max.
2.5max.
Dimensions in mm
FK24
FK14
2.5
±0.8
4.5max.
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03
5.5max.
5.5max.
5.0
±1.0
3.5max.
3.5max.
Dimensions in mm
FK26
FK16
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK18X7R1E105K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK18X7R1E105K TDK-FK18X7R1E105K Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - FK18X7R1E105K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com