Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK18X7R1H224K Datasheet(PDF) 3 Page - TDK Electronics

Part # FK18X7R1H224K
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK18X7R1H224K Datasheet(HTML) 3 Page - TDK Electronics

  FK18X7R1H224K Datasheet HTML 1Page - TDK Electronics FK18X7R1H224K Datasheet HTML 2Page - TDK Electronics FK18X7R1H224K Datasheet HTML 3Page - TDK Electronics FK18X7R1H224K Datasheet HTML 4Page - TDK Electronics FK18X7R1H224K Datasheet HTML 5Page - TDK Electronics FK18X7R1H224K Datasheet HTML 6Page - TDK Electronics FK18X7R1H224K Datasheet HTML 7Page - TDK Electronics FK18X7R1H224K Datasheet HTML 8Page - TDK Electronics FK18X7R1H224K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
(3/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION)
FK28 AND FK18 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK28 type
FK18 type
C0G
1pF
±0.25pF
50
FK28C0G1H010C
FK18C0G1H010C
C0G
1.5pF
±0.25pF
50
FK28C0G1H1R5C
FK18C0G1H1R5C
C0G
2pF
±0.25pF
50
FK28C0G1H020C
FK18C0G1H020C
C0G
2.2pF
±0.25pF
50
FK28C0G1H2R2C
FK18C0G1H2R2C
C0G
3pF
±0.25pF
50
FK28C0G1H030C
FK18C0G1H030C
C0G
3.3pF
±0.25pF
50
FK28C0G1H3R3C
FK18C0G1H3R3C
C0G
4pF
±0.25pF
50
FK28C0G1H040C
FK18C0G1H040C
C0G
4.7pF
±0.25pF
50
FK28C0G1H4R7C
FK18C0G1H4R7C
C0G
5pF
±0.25pF
50
FK28C0G1H050C
FK18C0G1H050C
C0G
6pF
±0.5pF
50
FK28C0G1H060D
FK18C0G1H060D
C0G
6.8pF
±0.5pF
50
FK28C0G1H6R8D
FK18C0G1H6R8D
C0G
7pF
±0.5pF
50
FK28C0G1H070D
FK18C0G1H070D
C0G
8pF
±0.5pF
50
FK28C0G1H080D
FK18C0G1H080D
C0G
9pF
±0.5pF
50
FK28C0G1H090D
FK18C0G1H090D
C0G
10pF
±0.5pF
50
FK28C0G1H100D
FK18C0G1H100D
C0G
12pF
±5%
50
FK28C0G1H120J
FK18C0G1H120J
C0G
15pF
±5%
50
FK28C0G1H150J
FK18C0G1H150J
C0G
18pF
±5%
50
FK28C0G1H180J
FK18C0G1H180J
C0G
22pF
±5%
50
FK28C0G1H220J
FK18C0G1H220J
C0G
27pF
±5%
50
FK28C0G1H270J
FK18C0G1H270J
C0G
33pF
±5%
50
FK28C0G1H330J
FK18C0G1H330J
C0G
39pF
±5%
50
FK28C0G1H390J
FK18C0G1H390J
C0G
47pF
±5%
50
FK28C0G1H470J
FK18C0G1H470J
C0G
56pF
±5%
50
FK28C0G1H560J
FK18C0G1H560J
C0G
68pF
±5%
50
FK28C0G1H680J
FK18C0G1H680J
C0G
82pF
±5%
50
FK28C0G1H820J
FK18C0G1H820J
C0G
100pF
±5%
50
FK28C0G1H101J
FK18C0G1H101J
C0G
120pF
±5%
50
FK28C0G1H121J
FK18C0G1H121J
C0G
150pF
±5%
50
FK28C0G1H151J
FK18C0G1H151J
C0G
180pF
±5%
50
FK28C0G1H181J
FK18C0G1H181J
C0G
220pF
±5%
50
FK28C0G1H221J
FK18C0G1H221J
C0G
270pF
±5%
50
FK28C0G1H271J
FK18C0G1H271J
C0G
330pF
±5%
50
FK28C0G1H331J
FK18C0G1H331J
C0G
390pF
±5%
50
FK28C0G1H391J
FK18C0G1H391J
C0G
470pF
±5%
50
FK28C0G1H471J
FK18C0G1H471J
C0G
560pF
±5%
50
FK28C0G1H561J
FK18C0G1H561J
C0G
680pF
±5%
50
FK28C0G1H681J
FK18C0G1H681J
C0G
820pF
±5%
50
FK28C0G1H821J
FK18C0G1H821J
C0G
1000pF
±5%
50
FK28C0G1H102J
FK18C0G1H102J
C0G
1200pF
±5%
50
FK28C0G1H122J
FK18C0G1H122J
C0G
1500pF
±5%
50
FK28C0G1H152J
FK18C0G1H152J
C0G
1800pF
±5%
50
FK28C0G1H182J
FK18C0G1H182J
C0G
2200pF
±5%
50
FK28C0G1H222J
FK18C0G1H222J
C0G
2700pF
±5%
50
FK28C0G1H272J
FK18C0G1H272J
C0G
3300pF
±5%
50
FK28C0G1H332J
FK18C0G1H332J
C0G
3900pF
±5%
50
FK28C0G1H392J
FK18C0G1H392J
C0G
4700pF
±5%
50
FK28C0G1H472J
FK18C0G1H472J
C0G
5600pF
±5%
50
FK28C0G1H562J
FK18C0G1H562J
C0G
6800pF
±5%
50
FK28C0G1H682J
FK18C0G1H682J
C0G
8200pF
±5%
50
FK28C0G1H822J
FK18C0G1H822J
C0G
10000pF
±5%
50
FK28C0G1H103J
FK18C0G1H103J
4.0max.
5.0
±1.0
2.5max.
Dimensions in mm
FK28
FK18
2.5
±0.8
4.0max.
2.5max.
2.5max.
2.5max.
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK18X7R1H224K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK18X7R1H224K TDK-FK18X7R1H224K Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - FK18X7R1H224K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com