Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5H0380R-TU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # KA5H0380R-TU
Description  SPS consist of high voltage power SenseFET and current mode PWM IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5H0380R-TU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA5H0380R-TU Datasheet HTML 1Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 2Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 3Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 4Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 5Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 6Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 7Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 8Page - Fairchild Semiconductor KA5H0380R-TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
KA5H0380R/KA5M0380R/KA5L0380R
5
Typical Performance Characteristics
10
0
10
1
10
-1
10
0
10
1
@Notes:
1. 300
µsPulseTest
2. T
C = 25
oC
V
GS
Top: 15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
Bottom:4.5V
V
DS, Drain-Source Voltage [V]
2468
10
10
-1
10
0
10
1
@Notes:
1. V
DS = 30V
2. 300
µsPulseTest
-25
oC
25
oC
150
oC
V
GS, Gate-Source Voltage [V]
0.4
0.6
0.8
1.0
0.1
1
10
@Notes:
1. V
GS = 0V
2. 300
µsPulseTest
25
oC
150
oC
V
SD, Source-Drain Voltage [V]
10
0
10
1
0
100
200
300
400
500
600
700
800
900
1000
C
rss
C
oss
C
iss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
@Note: I
D=3.0A
V
DS=640V
V
DS=400V
V
DS=160V
Q
G,Total Gate Charge [nC]
0
123
4
0
1
2
3
4
5
6
7
8
Vgs=10V
Vgs=20V
@Note: Tj=25℃
Fig3. On-Resistance vs. Drain Current
I
D,Drain Current
Figure 1. Output Characteristics
Figure 2. Thansfer Characteristics
Figure 3. On-Resistance vs. Drain Current
Figure 4. Source-Drain Diode Forward Voltage
Figure 5. Capacitance vs. Drain-Source Voltage
Figure 6. Gate Charge vs. Gate-Source Voltage


Similar Part No. - KA5H0380R-TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5H0380R FAIRCHILD-KA5H0380R Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5H0380R FAIRCHILD-KA5H0380R Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
KA5H0380RTU FAIRCHILD-KA5H0380RTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5H0380RTU FAIRCHILD-KA5H0380RTU Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
KA5H0380RYDTU FAIRCHILD-KA5H0380RYDTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA5H0380R-TU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
   SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
List of Unclassifed Man...
THX202H ETC-THX202H Datasheet
559Kb / 21P
   PWM Controller of High-performance Current Mode
logo
Supertex, Inc
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com