Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA102AU Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA102AU
Description  Low Power INSTRUMENTATION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA102AU Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA102AU Datasheet HTML 5Page - Burr-Brown (TI) INA102AU Datasheet HTML 6Page - Burr-Brown (TI) INA102AU Datasheet HTML 7Page - Burr-Brown (TI) INA102AU Datasheet HTML 8Page - Burr-Brown (TI) INA102AU Datasheet HTML 9Page - Burr-Brown (TI) INA102AU Datasheet HTML 10Page - Burr-Brown (TI) INA102AU Datasheet HTML 11Page - Burr-Brown (TI) INA102AU Datasheet HTML 12Page - Burr-Brown (TI) INA102AU Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
®
* As shown channels 0 and 1 may be used for auto offset zeroing, and gain calibration respectively.
FIGURE 11. Multiple Channel Precision Instrumentation Amplifier with Programmable Gain.
FIGURE 12. 4mA to 20mA Bridge Transmitter Using Single Supply Instrumentation Amplifier.
INA102
10
13
9
11
–15V
–15V
PGA102
15
1
2
3
4
5
e
OUT
G = 1, 10, 100
+15V
16
x10
x100
Gain Select
6
7
8
G = 1
12
7
6
+In
–In
15
14
–15V
+15V
+15V
D
D
–15V
+15V
D
D
10k
10k
∆e
IN
Input Protection: D = FDH300 (Low Leakage)
FIGURE 13. Programmable-Gain Instrumentation Amplifier Using the INA102 and PGA102.
INA102
INA102
INA102
INA102
PGA100
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN0
INA102
V
REF
*
e
OUT
Control
Logic
Channel
Select
Gain
Select
CP
CE
e
2
e
4
e
6
e
5
INA102
e
3
e
1
INA102
15
3
7
6
14
15
12
4
3
5
XTR110
1
13
14
10
9
2
GS
D
4mA to 20mA
V
L
R
L
OPA27
+6V
40k
60k
12
11
+24V
300
9
10
+10V
REF
±40mV
G = 100
+2V to +10V
+24V
2N3055
–40
40
20
16
4
0
V
IN (mV)
16


Similar Part No. - INA102AU

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INA1001AC1 ISAHAYA-INA1001AC1 Datasheet
115Kb / 2P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA101AG BURR-BROWN-INA101AG Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101AG TI1-INA101AG Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA102AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621BRZ AD-AD621BRZ Datasheet
502Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com