Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FG24C0G2E272JNT0 Datasheet(PDF) 1 Page - TDK Electronics

Part # FG24C0G2E272JNT0
Description  MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FG24C0G2E272JNT0 Datasheet(HTML) 1 Page - TDK Electronics

  FG24C0G2E272JNT0 Datasheet HTML 1Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 2Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 3Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 4Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 5Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 6Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 7Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 8Page - TDK Electronics FG24C0G2E272JNT0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
June 2015
CA P A C I TO R S
Type:
Lead pitch
5.0 mm
FG28 [4.0x5.5mm]
FG24 [4.5x5.5mm]
FG26 [5.5x6.0mm]
FG20 [5.5x7.0mm]
FG22 [7.5x8.5mm]
Lead pitch
2.5 mm
FG18 [4.0x5.5mm]
FG14 [4.5x5.5mm]
FG16 [5.5x6.0mm]
FG11 [5.5x7.0mm]
MLCC with Dipped Radial Lead
(Halogen-free, Commercial Grade)
FG Series


Similar Part No. - FG24C0G2E272JNT0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FG24005 ETC2-FG24005 Datasheet
86Kb / 2P
   Fiberglass Omnidirectional Wireless Antennas
logo
Laird Tech Smart Techno...
FG24005 LSTD-FG24005 Datasheet
1Mb / 1P
   Custom tuning available
logo
List of Unclassifed Man...
FG24008 ETC2-FG24008 Datasheet
86Kb / 2P
   Fiberglass Omnidirectional Wireless Antennas
logo
Laird Tech Smart Techno...
FG24008 LSTD-FG24008 Datasheet
1Mb / 1P
   Special UV treated - stands up to the sun
More results

Similar Description - FG24C0G2E272JNT0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA11C0G2A473JNU00 TDK-FA11C0G2A473JNU00 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK20X7R2E104K TDK-FK20X7R2E104K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FA18NP01H121JNU00 TDK-FA18NP01H121JNU00 Datasheet
238Kb / 26P
   MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com