Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL9R1560S3S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. ISL9R1560S3S
Description  15A, 600V Stealth™ Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9R1560S3S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ISL9R1560S3S Datasheet HTML 1Page - Fairchild Semiconductor ISL9R1560S3S Datasheet HTML 2Page - Fairchild Semiconductor ISL9R1560S3S Datasheet HTML 3Page - Fairchild Semiconductor ISL9R1560S3S Datasheet HTML 4Page - Fairchild Semiconductor ISL9R1560S3S Datasheet HTML 5Page - Fairchild Semiconductor ISL9R1560S3S Datasheet HTML 6Page - Fairchild Semiconductor ISL9R1560S3S Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2001 Fairchild Semiconductor Corporation
ISL9R1560S3S REV A
ISL9R1560S3S
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
VF
IF = 15A
-
1.8
2.2
V
IF = 15A, TC = 125
oC
-
1.65
2.0
V
IR
VR = 600V
-
-
100
µA
VR = 600V, TC = 125
oC
-
-
1.0
mA
trr
IF = 1A, dIF/dt = 100A/µs, VR = 30V
-
25
30
ns
IF = 15A, dIF/dt = 100A/µs, VR = 30V
-
35
40
ns
trr
IF = 15A, dIF/dt = 200A/µs, VR = 390V, TC = 25
oC
-
29.4
-
ns
IRRM
-
3.5
-
A
QRR
-
57
-
nC
trr
IF = 15A, dIF/dt = 200A/µs, VR = 390V, TC = 125
oC
-
90
-
ns
S
-
2.0
-
IRRM
-
5.0
-
A
QRR
-
275
-
nC
trr
IF = 15A, dIF/dt = 800A/µs, VR =390V, TC = 125
oC
-
52
-
ns
S
-
1.36
-
IRRM
-
13.5
-
A
QRR
-
390
-
nC
dIM/dt
-
800
-
A/
µs
CJ
VR = 10V, IF = 0A
-
62
-
pF
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%)
pw = pulse width.
D = Duty cycle
IR = Instantaneous reverse current.
trr = Reverse recovery time (ta + tb).
S = Softness factor (tb / ta).
IRRM = Maximum reverse recovery current.
QRR = Reverse recovery charge.
dIM/dt = Maximum di/dt during tb.
CJ = Junction Capacitance.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ISL9K1560G3 15A 600V Stealth™ Dual Diode 1  2  3  4  5  More Fairchild Semiconductor
ISL9R1560G2 15A 600V Stealth™ Diode 1  2  3  4  5  More Fairchild Semiconductor
FFH50US60S 50A 600V Stealth™ Diode 1  2  3  4  5  More Fairchild Semiconductor
RUR1S1560S 15A 600V Ultrafast Diode 1  2  3  4  5  Fairchild Semiconductor
ISL9R1560PF2 15A 600V Stealth Diode 1  2  3  4  5  More Fairchild Semiconductor
ISL9K3060G3 30A 600V Stealth™ Dual Diode 1  2  3  4  5  More Fairchild Semiconductor
ISL9K460P3 4A 600V Stealth™ Dual Diode 1  2  3  4  5  More Fairchild Semiconductor
ISL9K860P3 8A 600V Stealth™ Dual Diode 1  2  3  4  5  More Fairchild Semiconductor
ISL9R3060G2 30A 600V Stealth™ Diode 1  2  3  4  5  More Fairchild Semiconductor
ISL9R460P2 4A 600V Stealth™ Diode 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn