Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N139S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 6N139S
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N139S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  6N139S Datasheet HTML 1Page - Fairchild Semiconductor 6N139S Datasheet HTML 2Page - Fairchild Semiconductor 6N139S Datasheet HTML 3Page - Fairchild Semiconductor 6N139S Datasheet HTML 4Page - Fairchild Semiconductor 6N139S Datasheet HTML 5Page - Fairchild Semiconductor 6N139S Datasheet HTML 6Page - Fairchild Semiconductor 6N139S Datasheet HTML 7Page - Fairchild Semiconductor 6N139S Datasheet HTML 8Page - Fairchild Semiconductor 6N139S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Switching Characteristics (TA = 0 to 70°C unless otherwise specified., VCC = 5 V)
** All Typicals at TA = 25°C
Parameter
Test Conditions Symbol
Device
Min
Typ**
Max
Unit
Propagation delay
time to logic low
(Note 2) (Fig. 22)
(RL = 4.7 kΩ, IF = 0.5 mA)
TPHL
6N139
30
µs
TA = 25°C
4
25
(RL = 4.7 kΩ, IF = 0.5 mA)
HCPL-2731
120
Each Channel
TA = 25°C
3
100
(RL = 270 Ω, IF = 12 mA)
6N139
2
TA = 25°C
0.2
1
(RL = 270 Ω, IF = 12 mA)
HCPL-2730
3
Each Channel
TA = 25°C
HCPL-2731
0.3
2
(RL = 2.2 kΩ, IF = 1.6 mA)
6N138
15
TA = 25°C
1.5
10
(RL = 2.2 kΩ, IF = 1.6 mA)
HCPL-2731
HCPL-2730
25
Each Channel
TA = 25°C
1
20
Propagation delay
time to logic high
(Note 2) (Fig. 22)
(RL = 4.7 kΩ, IF = 0.5 mA)
TPLH
6N139
90
µs
Each Channel
HCPL-2731
(RL = 4.7 kΩ, IF = 0.5 mA) TA = 25°C
6N139
12
60
Each Channel
HCPL-2731
22
(RL = 270 Ω, IF = 12 mA)
6N139
10
TA = 25°C
1.3
7
(RL = 270 Ω, IF = 12 mA) Each Channel
HCPL-2730
HCPL-2731
15
TA = 25°C
5
10
(RL = 2.2 kΩ, IF = 1.6 mA)
6N138
50
Each Channel
HCPL-2730/1
(RL = 2.2 kΩ, IF = 1.6 mA) TA = 25°C
6N138
7
35
Each Channel
HCPL-2730/1
16
Common mode
transient immunity
at logic high
(IF = 0 mA, |VCM| = 10 VP-P)
TA = 25°C, (RL = 2.2 kΩ) (Note 3) (Fig. 23)
|CMH|
6N138
6N139
1,000
10,000
V/µs
Each Channel
HCPL-2730
HCPL-2731
Common mode
transient immunity
at logic low
(IF = 1.6 mA, |VCM| = 10 VP-P, RL = 2.2 kΩ)
TA = 25°C, (Note 3) (Fig. 23)
|CML|
6N138
6N139
1,000
10,000
V/µs
Each Channel
HCPL-2730
HCPL-2731


Similar Part No. - 6N139S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N139S FAIRCHILD-6N139S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
CT Micro International ...
6N139S CTMICRO-6N139S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139S UMW-6N139S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Everlight Electronics C...
6N139S(TA)-V EVERLIGHT-6N139S(TA)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
6N139S(TB)-V EVERLIGHT-6N139S(TB)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
More results

Similar Description - 6N139S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com