Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA102 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. INA102
Description  Low Power INSTRUMENTATION AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA102 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA102 Datasheet HTML 1Page - Burr-Brown (TI) INA102 Datasheet HTML 2Page - Burr-Brown (TI) INA102 Datasheet HTML 3Page - Burr-Brown (TI) INA102 Datasheet HTML 4Page - Burr-Brown (TI) INA102 Datasheet HTML 5Page - Burr-Brown (TI) INA102 Datasheet HTML 6Page - Burr-Brown (TI) INA102 Datasheet HTML 7Page - Burr-Brown (TI) INA102 Datasheet HTML 8Page - Burr-Brown (TI) INA102 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
®
POWER SUPPLY REJECTION vs FREQUENCY
125
100
75
50
25
0
1
10
100
1k
10k
Frequency (Hz)
Gain = 1000
Gain = 100
Gain = 10
Gain = 1
INPUT NOISE VOLTAGE vs FREQUENCY
1000
100
10
1
10
100
1k
10k
Frequency (Hz)
G = 1
G = 10
G = 100, G = 1000
PEAK-PEAK VOLTAGE NOISE vs GAIN
1000
100
10
1
1
10
100
1000
Gain (V/V)
See Applications Section
R= 0
S
R = 1M
S
R = 100k
S
Bandwidth = 1Hz to 1MHz
R
S
500k
500k
SETTLING TIME vs GAIN
Gain (V/V)
1
10
100
1000
10
1
0.1
0.01
L
R
C
L = 10k
= 1000pF
0.01%
0.1%
1%
STEP RESPONSE
±15
±10
±5
0
–5
–10
–15
08
Time (ms)
1234567
G = 1
G = 1000
L
R
C
L = 10k
= 1000pF
QUIESCENT CURRENT vs SUPPLY
1000
900
800
700
600
500
400
300
200
100
0
0
±5
±10
±15
±20
Supply Voltage (V)
V
O = 10V
(no load)
V
O = 0
TYPICAL PERFORMANCE CURVES (CONT)
At +25
°C and in circuit of Figure 2 unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn