Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9407060U500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9407060U500
Description  22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9407060U500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9407060U500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9407060U500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9407060U500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation, unshielded, PVC
jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
22
7x30
TC - Tinned Copper
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm) Dia. (mm)
PVC - Polyvinyl Chloride 0.432
1.575
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.940
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Nominal Diameter:
5.029 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
Pair Lay Length & Direction:
Lay Length (mm) Twists (twist/m)
50.8
19.686
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +105°C
UL Temperature Rating:
105°C
Bulk Cable Weight:
24.853 Kg/Km
Max. Recommended Pulling Tension:
84.516 N
Min. Bend Radius/Minor Axis:
50.800 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
Page 1 of 3
12-30-2012
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9407 Multi-Conductor - 300V Power-Limited Tray Cable


Similar Part No. - 9407060U500

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9407 KEYSTONE-9407 Datasheet
248Kb / 1P
   6-32 BINDING HEAD SCREW
logo
Belden Inc.
9407 BELDEN-9407 Datasheet
165Kb / 2P
   High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9407 KEYSTONE-9407 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9407-0602500 BELDEN-9407-0602500 Datasheet
165Kb / 2P
   High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9407-060U1000 BELDEN-9407-060U1000 Datasheet
165Kb / 2P
   High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 9407060U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
8723SB ETC2-8723SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682745 ETC2-1682745 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
1346000 ETC2-1346000 Datasheet
101Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1344841 ETC2-1344841 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com