Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1682724 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1682724
Description  20 AWG stranded (10x30) tinned copper conductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1682724 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1682724 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1682724 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1682724 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
9.000
Max. Operating Voltage - UL:
Voltage
600 Vac
Max. Recommended Current:
Description
Current
Single conductor in free air @ 30C ambient 14 amps
Notes (Overall)
Notes: Halogen-free.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
39120 001100
100 FT
0.500 LB
BROWN
C
#20 STR PPO BRN
39120 0011000
1,000 FT
5.000 LB
BROWN
C
#20 STR PPO BRN
39120 0015000
5,000 FT
20.000 LB
BROWN
C Z
#20 STR PPO BRN
39120 002100
100 FT
0.500 LB
RED
C
#20 STR PPO RED
39120 0021000
1,000 FT
5.000 LB
RED
C
#20 STR PPO RED
39120 0025000
5,000 FT
20.000 LB
RED
C Z
#20 STR PPO RED
39120 003100
100 FT
0.500 LB
ORANGE
C
#20 STR PPO ORG
39120 0031000
1,000 FT
5.000 LB
ORANGE
C
#20 STR PPO ORG
39120 0035000
5,000 FT
20.000 LB
ORANGE
C Z
#20 STR PPO ORG
39120 004100
100 FT
0.500 LB
YELLOW
C
#20 STR PPO YEL
39120 0041000
1,000 FT
5.000 LB
YELLOW
C
#20 STR PPO YEL
39120 0045000
5,000 FT
20.000 LB
YELLOW
C Z
#20 STR PPO YEL
39120 005100
100 FT
0.500 LB
GREEN, DARK
C
#20 STR PPO DGRN
39120 0051000
1,000 FT
5.000 LB
GREEN, DARK
C
#20 STR PPO DGRN
39120 0055000
5,000 FT
20.000 LB
GREEN, DARK
C Z
#20 STR PPO DGRN
39120 007100
100 FT
0.500 LB
VIOLET
C
#20 STR PPO VIO
39120 0071000
1,000 FT
5.000 LB
VIOLET
C
#20 STR PPO VIO
39120 0075000
5,000 FT
20.000 LB
VIOLET
C Z
#20 STR PPO VIO
39120 008100
100 FT
0.500 LB
GRAY
C
#20 STR PPO GRY
39120 0081000
1,000 FT
5.000 LB
GRAY
C
#20 STR PPO GRY
39120 0085000
5,000 FT
20.000 LB
GRAY
C Z
#20 STR PPO GRY
39120 009100
100 FT
0.500 LB
WHITE
C
#20 STR PPO WHT
39120 0091000
1,000 FT
5.000 LB
WHITE
C
#20 STR PPO WHT
39120 0095000
5,000 FT
20.000 LB
WHITE
C Z
#20 STR PPO WHT
39120 010100
100 FT
0.500 LB
BLACK
C
#20 STR PPO BLK
39120 0101000
1,000 FT
5.000 LB
BLACK
C
#20 STR PPO BLK
39120 0105000
5,000 FT
20.000 LB
BLACK
C Z
#20 STR PPO BLK
39120 013100
100 FT
0.500 LB
BLUE, DARK
C
#20 STR PPO DBLU
39120 0131000
1,000 FT
5.000 LB
BLUE, DARK
C
#20 STR PPO DBLU
39120 0135000
5,000 FT
20.000 LB
BLUE, DARK
C Z
#20 STR PPO DBLU
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Page 2 of 3
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
39120 Hook-up/Lead - PPO Hook-up Wire 600V, 105°C AWM Style 11032


Similar Part No. - 1682724

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1682720 ETC2-1682720 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1682721 ETC2-1682721 Datasheet
110Kb / 3P
   1 Meter HDMI Assembly. HDMI Composite Cable - 4 pairs (26 AWG stranded (7x34) bare copper conductors
1682722 ETC2-1682722 Datasheet
104Kb / 3P
   18 AWG stranded (16x30) tinned copper conductor, PPO insulation
1682728 ETC2-1682728 Datasheet
103Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
logo
PHOENIX CONTACT
1682728 PHOENIX-1682728 Datasheet
584Kb / 18P
   SAC-5P-M12MS/ 1,5-PUR SH - Sensor/actuator cable
More results

Similar Description - 1682724

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347330 ETC2-1347330 Datasheet
99Kb / 3P
   20 AWG stranded (19x33) .035 tinned copper conductor
1346631 ETC2-1346631 Datasheet
98Kb / 3P
   20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
28379 ETC2-28379 Datasheet
34Kb / 4P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
1346742 ETC2-1346742 Datasheet
101Kb / 3P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam FEP insulation
1344170 ETC2-1344170 Datasheet
98Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors
1344562 ETC2-1344562 Datasheet
95Kb / 2P
   12 AWG stranded (65x30) tinned copper conductor, PVC insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
   18 AWG stranded (16x30) tinned copper conductor, PPO insulation
39116 ETC2-39116 Datasheet
100Kb / 2P
   16 AWG stranded (26x30) tinned copper conductor, PPO insulation
1682720 ETC2-1682720 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1348238 ETC2-1348238 Datasheet
99Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com