Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHV-4A Datasheet(PDF) 4 Page - TDK Electronics

Part # UHV-4A
Description  Ultra High Voltage Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

UHV-4A Datasheet(HTML) 4 Page - TDK Electronics

  UHV-4A Datasheet HTML 1Page - TDK Electronics UHV-4A Datasheet HTML 2Page - TDK Electronics UHV-4A Datasheet HTML 3Page - TDK Electronics UHV-4A Datasheet HTML 4Page - TDK Electronics UHV-4A Datasheet HTML 5Page - TDK Electronics UHV-4A Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(4/6)
001-01 / 20140507 / uhv_uhv_en.fm
• All specifications are subject to change without notice.
CAPACITORS
UHV series
UHV-221A to UHV-253A, UHV-1A to UHV-12A
SHAPE & DIMENSIONS
Molded type
MARKING
Item
Marking example
1.Part No.
2.Nominal capacitance and tolerance code
3.Rated voltage
4.Manufacturer’s name
(TDK or TDK logo mark)
5.Lot No.
øD±1
L±1
T±2
ø15±0.5
Female
thread
Part No.
øD
T
L
Internal screw
UHV-221A
20
19
23
ISO M4
UHV-222A
25
19
23
ISO M4
UHV-223A
30
19
23
ISO M4
UHV-224A
34
19
23
ISO M4
UHV-1A
38
19
23
ISO M5
UHV-2A
48
19
23
ISO M5
UHV-3A
60
19
23
ISO M5
UHV-231A
25
22
25
ISO M4
UHV-232A
30
22
25
ISO M4
UHV-233A
34
22
25
ISO M4
UHV-4A
38
22
25
ISO M5
UHV-5A
48
22
25
ISO M5
UHV-6A
60
22
25
ISO M5
UHV-241A
20
28
32
ISO M4
UHV-242A
25
28
32
ISO M4
UHV-243A
34
28
32
ISO M4
UHV-7A
38
28
32
ISO M5
UHV-8A
48
28
32
ISO M5
UHV-9A
60
28
32
ISO M5
UHV-251A
20
31
35
ISO M4
UHV-252A
30
31
35
ISO M4
UHV-253A
34
31
35
ISO M4
UHV-10A
38
31
35
ISO M5
UHV-11A
48
31
35
ISO M5
UHV-12A
60
31
35
ISO M5
UHV-5A
172K
30kV
TDK
1234
1
2
3
4
5


Similar Part No. - UHV-4A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
UHV-4A TDK-UHV-4A Datasheet
49Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
UHV-4A TDK-UHV-4A Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
More results

Similar Description - UHV-4A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
GA-14 TDK-GA-14 Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV TDK-UHV Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com