Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN85551 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN85551
Description  MSD Pro-Billet Chevrolet V8 Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN85551 Datasheet(HTML) 5 Page - Mallory performance club

  PN85551 Datasheet HTML 1Page - Mallory performance club PN85551 Datasheet HTML 2Page - Mallory performance club PN85551 Datasheet HTML 3Page - Mallory performance club PN85551 Datasheet HTML 4Page - Mallory performance club PN85551 Datasheet HTML 5Page - Mallory performance club PN85551 Datasheet HTML 6Page - Mallory performance club PN85551 Datasheet HTML 7Page - Mallory performance club PN85551 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
1. Remove the existing distributor cap without
disconnecting any of the spark plug wires.
2. With the cap off, crank the engine until the
rotor is aimed at a fixed point on the engine or
firewall. Note this position by making a mark
(Figure 8).
3. Place the distributor cap back on and note
which plug wire the rotor is pointing to. MARK
THESPARKPLUGWIRESandremovethe
distributor cap.
4. Disconnect the wiring from the distributor.
5. Loosen the distributor hold down clamp and
slide the clamp out of the way.
6. Lift the distributor out of the engine. Note that
the rotor rotates as you lift the distributor out.
This is due to the helical cut gear and should
be taken into consideration when installing
the new distributor.
7. Install the gasket and apply a liberal amount of
the supplied lubricant to the distributor gear.
(The supplied O-rings can
only be used if the
block has been modified as shown in Figure
9.)
8. Install the distributor making sure that the
rotor comes to rest pointing at the fixed mark.
If the distributor will not fully seat with the
rotor pointing to the marked position, you
may need to rotate the oil pump shaft until the
rotor lines up and the distributor fully seats.
9. Position and tighten the hold down clamp
onto the distributor.
10. Install the distributor cap and spark plug wires
one at a time to ensure correct location. A
wire retainer is supplied to secure the wires
in place. Align the mounting bosses and use
the supplied 1.5" self-tapping Phillips screws
to hold the retainer in place.
Figure 8 Marking the Rotor Location.
INSTALLING THE DISTRIBUTOR
Figure 9 Modified Block for use with O-Rings.
Figure 10 Optional Installation by Bolting Cap Down.
Installation Option: This Cap can also be
bolted down to an MSD Pro-Billet or Billet
Distributor base with the supplied hardware.
To accomplish this, the spring clips must be
cut off (Figure 10).
Note: When the cap is bolted down, the
location of the spark plug wires must
be changed.


Similar Part No. - PN85551

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85501 MALLORY-PN85501 Datasheet
308Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85501 MALLORY-PN85501 Datasheet
403Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8552 MALLORY-PN8552 Datasheet
625Kb / 8P
   MSD Pro-Billet Distributor
PN85561 MALLORY-PN85561 Datasheet
308Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85561 MALLORY-PN85561 Datasheet
403Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
More results

Similar Description - PN85551

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
85555 MALLORY-85555 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
83613 MALLORY-83613 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8547 MALLORY-PN8547 Datasheet
308Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85561 MALLORY-PN85561 Datasheet
403Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85701 MALLORY-PN85701 Datasheet
353Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN8572 MALLORY-PN8572 Datasheet
495Kb / 8P
   MSD Pro-Billet Chevrolet V8 Tach Drive Distributor
PN8570 MALLORY-PN8570 Datasheet
363Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN8356 MALLORY-PN8356 Datasheet
447Kb / 8P
   MSD Pro-Billet Dual Pickup Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com