Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHV-222A Datasheet(PDF) 5 Page - TDK Electronics

Part # UHV-222A
Description  Ultra High Voltage Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

UHV-222A Datasheet(HTML) 5 Page - TDK Electronics

  UHV-222A Datasheet HTML 1Page - TDK Electronics UHV-222A Datasheet HTML 2Page - TDK Electronics UHV-222A Datasheet HTML 3Page - TDK Electronics UHV-222A Datasheet HTML 4Page - TDK Electronics UHV-222A Datasheet HTML 5Page - TDK Electronics UHV-222A Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(5/6)
001-01 / 20140507 / uhv_uhv_en.fm
• All specifications are subject to change without notice.
CAPACITORS
UHV series 
UHV-221A to UHV-253A, UHV-1A to UHV-12A
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Class 2 (Temperature Stable)
Temperature Characteristics:Z5T(+10 to +85°C, +22/–33%)
PC:Pico coulomb.
Part No.
Rated voltage
Capacitance
Withstanding
voltage
Dissipation factor
(tan
G)
Insulation
resistance
AC Corona starting
voltage
(kV)
(pF)±10%
nom.
(kV)
[1min, in oil]
(%) max.
(M
:) min.
(kV) min.
[3PC]
UHV-221A
20
200
30
0.2
100000
10
UHV-222A
20
400
30
0.2
100000
10
UHV-223A
20
700
30
0.2
100000
10
UHV-224A
20
1,000
30
0.2
100000
10
UHV-1A
20
1,400
30
0.2
100000
10
UHV-2A
20
2,500
30
0.2
100000
10
UHV-3A
20
4,000
30
0.2
100000
10
UHV-231A
30
200
45
0.2
100000
15
UHV-232A
30
400
45
0.2
100000
15
UHV-233A
30
700
45
0.2
100000
15
UHV-4A
30
940
45
0.2
100000
15
UHV-5A
30
1,700
45
0.2
100000
15
UHV-6A
30
2,700
45
0.2
100000
15
UHV-241A
40
100
60
0.2
100000
20
UHV-242A
40
200
60
0.2
100000
20
UHV-243A
40
400
60
0.2
100000
20
UHV-7A
40
700
60
0.2
100000
20
UHV-8A
40
1,300
60
0.2
100000
20
UHV-9A
40
2,000
60
0.2
100000
20
UHV-251A
50
100
75
0.2
100000
25
UHV-252A
50
200
75
0.2
100000
25
UHV-253A
50
400
75
0.2
100000
25
UHV-10A
50
560
75
0.2
100000
25
UHV-11A
50
1,000
75
0.2
100000
25
UHV-12A
50
1,700
75
0.2
100000
25


Similar Part No. - UHV-222A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
UHV-222A TDK-UHV-222A Datasheet
49Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
UHV-222A TDK-UHV-222A Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
More results

Similar Description - UHV-222A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
GA-14 TDK-GA-14 Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV TDK-UHV Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com