Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL18CV8T-7 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PEEL18CV8T-7
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEEL18CV8T-7 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PEEL18CV8T-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
04-02-004H
International
CMOS
Technology
®
PEELTM 18CV8
PEEL Device and Array Test Loads
Ordering Information
Technology
R1
R2
RL
VL
CL
CMOS
12
480k
480k
228k
2.375V
33 pF
TTL -10/-15/-25
235
159
95
2.02V
33 pF
TTL -5/-7
159
118
68
2.129V
33 pF
Part Number
Speed
Temperature
Package
PEEL18CV8J-5
5 ns
Commercial
20-pin Plastic (J) Leaded Chip Carrier (PLCC)
PEEL18CV8P-7
7.5 ns
Commercial
20-pin Plastic 300 mil DIP
PEEL18CV8J-7
7.5 ns
Commercial
20-pin Plastic (J) Leaded Chip Carrier (PLCC)
PEEL18CV8S-7
7.5 ns
Commercial
20-pin SOIC
PEEL18CV8P-10
10 ns
Commercial
20-pin Plastic 300 mil DIP
PEEL18CV8PI-10
Industrial
PEEL18CV8J-10
10 ns
Commercial
20-pin Plastic (J) Leaded Chip Carrier (PLCC)
PEEL18CV8JI-10
Industrial
PEEL18CV8S-10
10 ns
Commercial
20-pin SOIC
PEEL18CV8SI-10
Industrial
PEEL18CV8T-10
10 ns
Commercial
20-pin TSSOP 170 mil
PEEL18CV8TI-10
Industrial
PEEL18CV8P-15
15 ns
Commercial
20-pin Plastic 300 mil DIP
PEEL18CV8PI-15
Industrial
PEEL18CV8J-15
15 ns
Commercial
20-pin Plastic (J) Leaded Chip Carrier (PLCC)
PEEL18CV8JI-15
Industrial
PEEL18CV8S-15
15 ns
Commercial
20-pin SOIC
PEEL18CV8SI-15
Industrial
PEEL18CV8T-15
15 ns
Commercial
20-pin TSSOP 170 mil
PEEL18CV8TI-15
Industrial
PEEL18CV8P-25
25 ns
Commercial
20-pin Plastic 300 mil DIP
PEEL18CV8PI-25
Industrial
PEEL18CV8J-25
25 ns
Commercial
20-pin Plastic (J) Leaded Chip Carrier (PLCC)
PEEL18CV8JI-25
Industrial
PEEL18CV8S-25
25 ns
Commercial
20-pin SOIC
PEEL18CV8SI-25
Industrial
PEEL18CV8T-25
25 ns
Commercial
20-pin TSSOP 170 mil
PEEL18CV8TI-25
Industrial
Output
CL
R2
R1
5 V
Standard
Load
Output
CL
RL
VL
Thevenin
Equivalent


Similar Part No. - PEEL18CV8T-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25 ANACHIP-PEEL18CV8ZJ-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25L ANACHIP-PEEL18CV8ZJ-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25 ANACHIP-PEEL18CV8ZJI-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25L ANACHIP-PEEL18CV8ZJI-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8T-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com