Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1351 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1351
Description  4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1351 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1351 Datasheet HTML 1Page - Cypress Semiconductor CY7C1351 Datasheet HTML 2Page - Cypress Semiconductor CY7C1351 Datasheet HTML 3Page - Cypress Semiconductor CY7C1351 Datasheet HTML 4Page - Cypress Semiconductor CY7C1351 Datasheet HTML 5Page - Cypress Semiconductor CY7C1351 Datasheet HTML 6Page - Cypress Semiconductor CY7C1351 Datasheet HTML 7Page - Cypress Semiconductor CY7C1351 Datasheet HTML 8Page - Cypress Semiconductor CY7C1351 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
4-Mb (128K x 36) Flow-through SRAM with
NoBL™ Architecture
CY7C1351F
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05210 Rev. *B
Revised January 12, 2004
Features
• Can support up to 133-MHz bus operations with zero
wait states
— Data is transferred on every clock
• Pin compatible and functionally equivalent to ZBT™
devices
• Internally self-timed output buffer control to eliminate
the need to use OE
• Registered inputs for flow-through operation
• Byte Write capability
• 128K x 36 common I/O architecture
• 2.5V / 3.3V I/O power supply
• Fast clock-to-output times
— 6.5 ns (for 133-MHz device)
— 7.5 ns (for 117-MHz device)
— 8.0 ns (for 100-MHz device)
— 11.0 ns (for 66-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• Asynchronous Output Enable
• JEDEC-standard 100 TQFP and 119 BGA packages
• Burst Capability—linear or interleaved burst order
• Low standby power
Functional Description[1]
The CY7C1351F is a 3.3V, 128K x 36 Synchronous
Flow-through Burst SRAM designed specifically to support
unlimited true back-to-back Read/Write operations without the
insertion of wait states. The CY7C1351F is equipped with the
advanced No Bus Latency™ (NoBL™) logic required to
enable consecutive Read/Write operations with data being
transferred on every clock cycle. This feature dramatically
improves the throughput of data through the SRAM, especially
in systems that require frequent Write-Read transitions.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. The clock input is qualified by
the Clock Enable (CEN) signal, which when deasserted
suspends operation and extends the previous clock cycle.
Maximum access delay from the clock rise is 6.5 ns (133-MHz
device).
Write operations are controlled by the four Byte Write Select
(BW[A:D]) and a Write Enable (WE) input. All writes are
conducted with on-chip synchronous self-timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output three-state control. In order to avoid bus
contention, the output drivers are synchronously three-stated
during the data portion of a write sequence.
1
Note:
1. For best–practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
Logic Block Diagram
C
MODE
BWA
BWB
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPA
DQPB
DQPC
DQPD
MEMORY
ARRAY
E
INPUT
REGISTER
BWC
BWD
ADDRESS
REGISTER
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
ADV/LD
CE
ADV/LD
C
CLK
CEN
WRITE
DRIVERS
D
A
T
A
S
T
E
E
R
I
N
G
S
E
N
S
E
A
M
P
S
WRITE ADDRESS
REGISTER
A0, A1, A
O
U
T
P
U
T
B
U
F
F
E
R
S
E
ZZ
SLEEP
Control


Similar Part No. - CY7C1351

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351-40AC CYPRESS-CY7C1351-40AC Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351-50AC CYPRESS-CY7C1351-50AC Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351-66AC CYPRESS-CY7C1351-66AC Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1351

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1345F CYPRESS-CY7C1345F Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
   4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
   4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com