Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL1183427-722J-720N Datasheet(PDF) 3 Page - TDK Electronics

Part # TPL1183427-722J-720N
Description  Transponder Coils
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TPL1183427-722J-720N Datasheet(HTML) 3 Page - TDK Electronics

  TPL1183427-722J-720N Datasheet HTML 1Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 2Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 3Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 4Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 5Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 6Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 7Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 8Page - TDK Electronics TPL1183427-722J-720N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(3/13)
001-01 / 20131101 / e541_tpl.fm
• All specifications are subject to change without notice.
INDUC
T
O
RS
Transponder Coils
FEATURES
Common in the series
Transponder coils that ensure high reliability suitable for automotive applications. TPL802727 type coils also realize a small size (8 mm
in length) and high inductance (18.52mH max.)
Achieves stable electrical characteristics due to their high SRF design structure.
TPL802727 type
Ensures high reliability suitable for automotive applications by adopting higher heat resistance wire and welding wire connection.
TPL1183427, TPL1183525 types
It is fully resin-molded.
Terminals are highly reliable with the spring structure. They show excellent quality especially in bending and drop resistance.
APPLICATION
Mainly receiving LF antenna coils for the in-car devices shown below
Tire-pressure monitoring system (TPMS)
Keyless entry system
Immobilizer etc.
Other electronic devices
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
Overview of the TPL Series
TPL
802727
-
722
H
Series name
L×W×H Dimensions
Inductance
Inductance tolerance
(mm)
(mH)
(%)
802727
8.0×2.7×2.7
722
7.2
H
±3
1183427
11.8×3.4×2.75
J
±5
1183525
11.8×3.5×2.4
Type
Temperature range
Package quantity
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
TPL802727
–40 to +125
–40 to +125
2,500
TPL1183427
–40 to +125
–40 to +125
2,500
TPL1183525
–40 to +125
–40 to +125
2,500
Product compatible with RoHS directive
AEC-Q200
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/


Similar Part No. - TPL1183427-722J-720N

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
TPL1-01 COPAL-TPL1-01 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L2 COPAL-TPL1-01-L2 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L5 COPAL-TPL1-01-L5 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01-L8 COPAL-TPL1-01-L8 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TPL1-01G COPAL-TPL1-01G Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
More results

Similar Description - TPL1183427-722J-720N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82450H2364A000 TDK-B82450H2364A000 Datasheet
305Kb / 6P
   Transponder coils
TPLC553030 TDK-TPLC553030 Datasheet
157Kb / 4P
   Transponder coils
20210217
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
   RFID Transponder Coils
logo
TDK Electronics
B82450A1004A000 TDK-B82450A1004A000 Datasheet
156Kb / 6P
   Inductors Transponder coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
   RFID Transponder Coils
logo
TOKO, Inc
STA8121 TOKO-STA8121_16 Datasheet
260Kb / 1P
   Transponder Coils (Transmitter)
logo
Coilcraft lnc.
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com