Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FHV-6AN Datasheet(PDF) 5 Page - TDK Electronics

Part No. FHV-6AN
Description  Ultra High Voltage Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

FHV-6AN Datasheet(HTML) 5 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(5/6)
001-01 / 20140509 / uhv_fhv_en.fm
• All specifications are subject to change without notice.
CAPACITORS
FHV series 
FHV-153AN, FHV-1AN to FHV-12AN
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Class 2 (Temperature Stable)
Temperature Characteristics:Y5S(–30 to +85°C, ±22%)
PC:Pico coulomb.
Part No.
Rated voltage
Capacitance
Withstanding
voltage
Dissipation factor
(tan
G)
Insulation
resistance
AC Corona starting
voltage
(kV)
(pF)±10%
nom.
(kV)
[1min, in oil]
(%) max.
(M
:) min.
(kV) min.
[3PC ]
FHV-153AN
15
7,000
22.5
0.2
100000
7.5
FHV-1AN
20
1,700
30
0.2
100000
10
FHV-2AN
20
3,000
30
0.2
100000
10
FHV-3AN
20
5,200
30
0.2
100000
10
FHV-4AN
30
1,200
45
0.2
100000
15
FHV-5AN
30
2,100
45
0.2
100000
15
FHV-6AN
30
3,500
45
0.2
100000
15
FHV-7AN
40
850
60
0.2
100000
20
FHV-8AN
40
1,500
60
0.2
100000
20
FHV-9AN
40
2,600
60
0.2
100000
20
FHV-10AN
50
700
75
0.2
100000
25
FHV-11AN
50
1,300
75
0.2
100000
25
FHV-12AN
50
2,100
75
0.2
100000
25


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn