Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP012405BP-U Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCP012405BP-U
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP012405BP-U Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DCP012405BP-U Datasheet HTML 1Page - Burr-Brown (TI) DCP012405BP-U Datasheet HTML 2Page - Burr-Brown (TI) DCP012405BP-U Datasheet HTML 3Page - Burr-Brown (TI) DCP012405BP-U Datasheet HTML 4Page - Burr-Brown (TI) DCP012405BP-U Datasheet HTML 5Page - Burr-Brown (TI) DCP012405BP-U Datasheet HTML 6Page - Burr-Brown (TI) DCP012405BP-U Datasheet HTML 7Page - Burr-Brown (TI) DCP012405BP-U Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DCP01B
®
TYPICAL PERFORMANCE CURVES
At TA = +25°C, unless otherwise noted.
DCP010505B
OUTPUT RIPPLE vs LOAD (20MHz BW)
Load (%)
50
45
40
35
30
25
20
15
10
5
0
20
30
50
70
60
80
90
100
40
10
1
µF Ceramic
4.7
µF Ceramic
10
µF Ceramic
DCP010505B V
OUT vs VS
V
S (V)
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.6
4.7
4.9
5.1
5.0
5.2
5.4
5.3
5.5
4.8
4.5
DCP010505B V
OUT vs LOAD
Load (%)
5.8
5.7
5.6
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
100
10
20
30
40
50
60
70
80
90
DCP010505B EFFICIENCY vs LOAD
Load (%)
85
80
75
70
65
60
55
100
10
20
30
40
50
60
70
80
90
DCP010505DB V
OUT vs LOAD
Load (%)
5.8
5.7
5.6
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
100
10
20
30
40
50
60
70
80
90
+V
OUT
–V
OUT
DCP010505DB EFFICIENCY vs LOAD
Load (%)
85
80
75
70
65
60
55
100
10
20
30
40
50
60
70
80
90


Similar Part No. - DCP012405BP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP012405BP-U BURR-BROWN-DCP012405BP-U Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP012405BP-U TI-DCP012405BP-U Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP012405BP-U TI1-DCP012405BP-U Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP012405BP-U TI1-DCP012405BP-U Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
DCP012405BP-U TI1-DCP012405BP-U Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP012405BP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com