Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN79153 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN79153
Description  MSD Pro Mag 12 LT Chevrolet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN79153 Datasheet(HTML) 1 Page - Mallory performance club

  PN79153 Datasheet HTML 1Page - Mallory performance club PN79153 Datasheet HTML 2Page - Mallory performance club PN79153 Datasheet HTML 3Page - Mallory performance club PN79153 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSD Pro Mag 12 LT
Chevrolet, PN 7908, PN 79081*, PN 79082*, PN 79083
Ford, PN 7915 and PN 79153
Figure 1 Positioning the Chevrolet Generator.
Parts Included:
1 - Pro Mag Lt
1 - Billet Clamp
1 - Set Screw
1 - Lock Washer
Figure 2 Marking the Number One Location.
Anti-Rotation
Collar
Cylinder 1
#1 Cylinder
Location
Timing Indicator
1 - Flat Washer
1 - Nut
2 - O-rings (PN 7908 and PN 79083 only)
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
1. Install the set screw into the intake manifold or engine
block.
2. Install the magneto into the engine. On Chevrolet
engines, position it so the hold down clamp
will align with the housing’s anti-rotation collar.
3. Install the billet clamp over the set screw and on to the
collar of the magneto. Put the flat washer, lock washer
and the nut onto the stud and tighten the assembly.
Note: On Chevrolet applications, it is recommended to
locate the wiring harness of the generator towards
the left side injector stack (Figure 1). This also
puts the timing indicator of the magneto in a
position that should be easy to view. Also position
the band clamp’s retaining screw so it points to
the left and is in the back of the magneto, close
to the firewall. On Ford and Chrysler engines,
rotate the base until the pointer is easy to view.
4. Locate which cap terminal is going to be the
number one cylinder. Mark on the housing
this location then remove the cap (Figure 2).
* MSD Pro Mag 12 LT PN 79081 and PN 79082 are designed to work in RAISED
CAM ENGINE BLOCKS using a DRY SUMP OILING SYSTEM only. They will work
in engine blocks with 50mm, 55mm and 60mm cam tunnels. Installation of PN 79081 or PN 79082 in any
other application is not recommended and can result in engine damage.
If you have any questions or your engine does not fit this criteria please contact MSD Technical Support
at (915) 855-7123 for information and the correct part number for your application.
DANGER
CAUTION
WARNING
NOTICE


Similar Part No. - PN79153

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7915 MALLORY-PN7915 Datasheet
975Kb / 4P
   MSD Pro Mag 12 LT Chevrolet
More results

Similar Description - PN79153

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7908 MALLORY-PN7908 Datasheet
975Kb / 4P
   MSD Pro Mag 12 LT Chevrolet
PN7904 MALLORY-PN7904 Datasheet
371Kb / 2P
   MSD Pro Mag 12 LT
8139MSD MALLORY-8139MSD Datasheet
407Kb / 4P
   MSD 12 AMP Pro Mag Generator
PN85551 MALLORY-PN85551 Datasheet
489Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8597 MALLORY-PN8597 Datasheet
355Kb / 8P
   MSD Pro-Billet Chevrolet V6 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
85555 MALLORY-85555 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8365 MALLORY-PN8365 Datasheet
747Kb / 8P
   MSD Pro-Billet Chevrolet HEI Distributor
83613 MALLORY-83613 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com