Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD-33A Datasheet(PDF) 3 Page - TDK Electronics

Part # FD-33A
Description  Ultra High Voltage Ceramic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FD-33A Datasheet(HTML) 3 Page - TDK Electronics

  FD-33A Datasheet HTML 1Page - TDK Electronics FD-33A Datasheet HTML 2Page - TDK Electronics FD-33A Datasheet HTML 3Page - TDK Electronics FD-33A Datasheet HTML 4Page - TDK Electronics FD-33A Datasheet HTML 5Page - TDK Electronics FD-33A Datasheet HTML 6Page - TDK Electronics FD-33A Datasheet HTML 7Page - TDK Electronics FD-33A Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(3/8)
001-01 / 20140507 / uhv_fd-md_en.fm
• All specifications are subject to change without notice.
CAPACITORS
Ultra High Voltage Ceramic Capacitors
With metal terminals
For distribution lines
FEATURES
FD Series (rated voltage Eac: 10 to 25 kV) and MD Series (rated voltage Eac: 20 kV) available.
Molded type metal screw terminals for easy mounting.
Uses high-reliability mold resin.
APPLICATION
High-voltage power circuits (for medical devices, lithography, industrial analyzers)
OPERATING TEMPERATURE RANGE, PRODUCT WEIGHT
Overview of the FD/MD Series
Part No.
Temperature range
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(g)
FD-9A
–30 to +85
–30 to +85
10
FD-10A
–30 to +85
–30 to +85
16
FD-11A
–30 to +85
–30 to +85
30
FD-12A
–30 to +85
–30 to +85
54
FD-16A
–30 to +85
–30 to +85
31
FD-18A
–30 to +85
–30 to +85
71
FD-20A
–30 to +85
–30 to +85
141
FD-22A
–30 to +85
–30 to +85
67
FD-24A
–30 to +85
–30 to +85
127
FD-33A
–30 to +85
–30 to +85
107
FD-36A
–30 to +85
–30 to +85
117
MD-1A
–30 to +85
–30 to +85
101
Product compatible with RoHS directive
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/


Similar Part No. - FD-33A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-33AU TDK-FD-33AU Datasheet
60Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded type with metal terminals For distribution lines
More results

Similar Description - FD-33A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GA-14 TDK-GA-14 Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
UHV-10A TDK-UHV-10A_14 Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV TDK-UHV Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com