Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN62152 Datasheet(PDF) 9 Page - Mallory performance club

Part # PN62152
Description  MSD DIS-4 Plus Ignition
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN62152 Datasheet(HTML) 9 Page - Mallory performance club

Back Button PN62152 Datasheet HTML 5Page - Mallory performance club PN62152 Datasheet HTML 6Page - Mallory performance club PN62152 Datasheet HTML 7Page - Mallory performance club PN62152 Datasheet HTML 8Page - Mallory performance club PN62152 Datasheet HTML 9Page - Mallory performance club PN62152 Datasheet HTML 10Page - Mallory performance club PN62152 Datasheet HTML 11Page - Mallory performance club PN62152 Datasheet HTML 12Page - Mallory performance club PN62152 Datasheet HTML 13Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
INSTALLATION INSTRUCTIONS
9
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Figure 6 Wiring the Step Retard.
Figure 7 Wiring the Two Step.
STEP RETARD
A retard can be activated by supplying 12 volts to the Pink wire (Figure 6). This is ideal for nitrous
applications or for a high speed retard. The amount of retard is set through the two rotary switches and
the total amount of retard is 30°. When the Mode Switch is in positions 4-7, there will be a one second
delay after 12 volts are removed from the Pink wire. In positions 0-3 the deactivation is instant.
RPM LIMITS
There are two adjustable Rev Limits, a Max Limit and a 2-Step. The Max Limit will protect your engine
in the event of driveline failure or missed shifts. This Max Limit DOES NOT override the limit set by
the factory ECU.
The 2-Step allows you to activate a lower rpm limit that is generally used on the starting line. When
12 volts are supplied to the Blue wire, the 2-Step is activated (Figure 7). When 12 volts are removed,
the Max Limit is active.
Both limits are adjusted with one dial in 1,000 rpm increments and one dial in 100 rpm increments.
When the Mode Switch is set in the 2, 3, 6 or 7 position, another 4,000 rpm will be added to the Max
rev limit value.
NOTE: The minimum rev limit is 2,000 rpm, even if lower numbers are selected.


Similar Part No. - PN62152

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN62153 MALLORY-PN62153 Datasheet
1Mb / 16P
   DIS-4 Plus HO
More results

Similar Description - PN62152

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
62152 MALLORY-62152 Datasheet
1Mb / 16P
   MSD DIS-2 Plus Ignition
PN62112 MALLORY-PN62112 Datasheet
1Mb / 16P
   MSD DIS-2 Plus Ignition
62153 MALLORY-62153 Datasheet
1Mb / 16P
   MSD DIS-2 Plus HO
PN7805 MALLORY-PN7805 Datasheet
972Kb / 8P
   MSD-8 Plus Ignition
7805 MALLORY-7805 Datasheet
972Kb / 8P
   MSD-8 Plus Ignition
7222 MALLORY-7222 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
PN7222 MALLORY-PN7222 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
6520 MALLORY-6520 Datasheet
3Mb / 16P
   MSD 7AL-2 Plus Ignition
PN72223 MALLORY-PN72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
72223 MALLORY-72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com