Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMC6G30US60 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMC6G30US60
Description  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMC6G30US60 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMC6G30US60 Datasheet HTML 1Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 2Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 3Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 4Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 5Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 6Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 7Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 8Page - Fairchild Semiconductor FMC6G30US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2000 Fairchild Semiconductor International
FMC6G30US60 Rev. A
Electrical Characteristics of IGBT @ Inverter T
C = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 250uA
600
--
--
V
∆B
VCES/
∆T
J
Temperature Coeff. of Breakdown
Voltage
VGE = 0V, IC = 1mA
--
0.6
--
V/
°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
250
uA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
--
--
± 100
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 30mA, VCE = VGE
5.0
6.0
8.5
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 30A,
VGE = 15V
--
2.2
2.8
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
1970
--
pF
Coes
Output Capacitance
--
310
--
pF
Cres
Reverse Transfer Capacitance
--
74
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 30A,
RG = 7Ω, VGE = 15V,
Inductive Load, TC = 25°C
--
30
--
ns
tr
Rise Time
--
65
--
ns
td(off)
Turn-Off Delay Time
--
54
80
ns
tf
Fall Time
--
138
200
ns
Eon
Turn-On Switching Loss
--
0.92
--
mJ
Eoff
Turn-Off Switching Loss
--
0.82
--
mJ
Ets
Total Switching Loss
--
1.74
2..4
mJ
td(on)
Turn-On Delay Time
VCC = 300 V, IC = 30A,
RG = 7Ω, VGE = 15V,
Inductive Load, TC = 125°C
--
34
--
ns
tr
Rise Time
--
67
--
ns
td(off)
Turn-Off Delay Time
--
60
90
ns
tf
Fall Time
--
281
400
ns
Eon
Turn-On Switching Loss
--
0.93
--
mJ
Eoff
Turn-Off Switching Loss
--
1.56
--
mJ
Ets
Total Switching Loss
--
2.49
3.4
mJ
Tsc
Short Circuit Withstand Time
VCC = 300 V, VGE = 15V
@
TC = 100°C
10
--
--
us
Qg
Total Gate Charge
VCE = 300 V, IC = 30A,
VGE = 15V
--
85
120
nC
Qge
Gate-Emitter Charge
--
17
25
nC
Qgc
Gate-Collector Charge
--
39
55
nC


Similar Part No. - FMC6G30US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMC6G10US60 FAIRCHILD-FMC6G10US60 Datasheet
649Kb / 9P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
FMC6G20US60 FAIRCHILD-FMC6G20US60 Datasheet
648Kb / 9P
   Compact & Complex Module
FMC6G50US60 FAIRCHILD-FMC6G50US60 Datasheet
665Kb / 9P
   Compact & Complex Module
More results

Similar Description - FMC6G30US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com