Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5631FUG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5631FUG
Description  0.56 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5631FUG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5631FUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5631FUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5631FUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121716
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD5631E (Common Cathode)
27
A
DIG.3
DIG.2
DIG.1
E
28
D
24
3
B
BC
21
EF
25
4
GDP
22
19
B
B
AC
DP
6
75
DE
23
20
G
F
14
16
9
AB
B
12
11
D
C
18
17
10
FG
13
DP
15
26
21,8
LD5631F (Common Anode)
27
A
15
E
C
AB
B
DP
G
F
E
C
B
BD
28
24
3
2
1
25
4
22
19
DIG.1
26
D
C
B
B
A
FG
E
DDP
6
7
5
23
20
14
16
912
11
21,8
DIG.2
DP
G
F
18
17
10
13
DIG.3
Selection Guide
Three Digit 7 Segment LED Display, Digit Height:14.20mm(0.56 inch), External Dimensions:
37.80x19.00x8.00mm (L x W x H )
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5631ER
LD5631FR
GaAlAs
Super Red
640
8
10
8
10
LD5631ED
LD5631FD
GaAlAs
Hi-Red
640
18
25
18
25
LD5631EO
LD5631FO
GaAsP
Orange
625
7
9
7
9
LD5631EY
LD5631FY
GaAsP
Yellow
588
8
10
8
10
LD5631EG
LD5631FG
GaP
Green
568
7
9
7
9
LD5631EUR
LD5631FUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5631EUO
LD5631FUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5631EUA
LD5631FUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5631EUY
LD5631FUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5631EUG
LD5631FUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5631EPG
LD5631FPG
InGaN
Pure Green
525
120
300
120
300
LD5631EUB
LD5631FUB
InGaN
Ultra Blue
470
30
45
30
45
LD5631EUW
LD5631FUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5631FUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AD LIGHTKEY-LD5631AD Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AG LIGHTKEY-LD5631AG Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AO LIGHTKEY-LD5631AO Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631APG LIGHTKEY-LD5631APG Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results

Similar Description - LD5631FUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMG13 P-TEC-PD42-CAMG13 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR21 P-TEC-PD42-CAMR21 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR24 P-TEC-PD42-CAMR24 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com