Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5631DUO Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5631DUO
Description  0.56 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5631DUO Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5631DUO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5631DUO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5631DUO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121715
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD5631C (Common Cathode)
7
A
E
10
63
2
1
4
511
12,13,14 NO CONNECT
DIG.1
D
B
BC
E
F
8
GDP
B
B
AC
DP
DE
9
G
F
DIG.2
AB
BD
CF
G
DIG.3
DP
LD5631D (Common Anode)
7
A
10
E
DIG.1
D
63
B
BC
21
EF
8
4
511
GDP
B
B
AC
DP
12,13,14 NO CONNECT
DE
G
F
9
DIG.2
AB
BD
CF
G
DIG.3
DP
Selection Guide
Three Digit 7 Segment LED Display, Digit Height:14.20mm(0.56 inch), External Dimensions:
37.80x19.00x8.00mm (L x W x H )
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5631CR
LD5631DR
GaAlAs
Super Red
640
8
10
8
10
LD5631CD
LD5631DD
GaAlAs
Hi-Red
640
18
25
18
25
LD5631CO
LD5631DO
GaAsP
Orange
625
7
9
7
9
LD5631CY
LD5631DY
GaAsP
Yellow
588
8
10
8
10
LD5631CG
LD5631DG
GaP
Green
568
7
9
7
9
LD5631CUR
LD5631DUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5631CUO
LD5631DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5631CUA
LD5631DUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5631CUY
LD5631DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5631CUG
LD5631DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5631CPG
LD5631DPG
InGaN
Pure Green
525
120
300
120
300
LD5631CUB
LD5631DUB
InGaN
Ultra Blue
470
30
45
30
45
LD5631CUW
LD5631DUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5631DUO

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AD LIGHTKEY-LD5631AD Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AG LIGHTKEY-LD5631AG Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AO LIGHTKEY-LD5631AO Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631APG LIGHTKEY-LD5631APG Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results

Similar Description - LD5631DUO

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMG13 P-TEC-PD42-CAMG13 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR21 P-TEC-PD42-CAMR21 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR24 P-TEC-PD42-CAMR24 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com