Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5641AUB Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD5641AUB
Description  0.56 inch Four Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5641AUB Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD5641AUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5641AUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5641AUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121718
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Four Digit 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage
@ IF=20mA
Emitted color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
1.8
2.2
30
60
25
100
Super Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
1.8
2.2
30
60
25
100
Hi-Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
2.1
2.5
30
80
30
100
Orange
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.1
2.5
30
80
30
100
Yellow
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.2
2.5
30
80
30
100
Green
Per DP
2.2
2.5
30
80
30
100
Per Seg.
1.9
2.6
30
60
30
100
Ultra Red
Per DP
1.9
2.6
30
60
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Orange
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Amber
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Yellow
Per DP
2
2.6
30
65
30
100
Per Seg.
2.1
2.6
30
75
30
100
Ultra Green
Per DP
2.1
2.6
30
75
30
100
Per Seg.
3.5
4
30
110
30
100
Pure Green
Per DP
3.5
4
30
110
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra Blue
Per DP
3.5
4
30
120
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra White
Per DP
3.5
4
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD5641AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5641CD LIGHTKEY-LD5641CD Datasheet
228Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641CG LIGHTKEY-LD5641CG Datasheet
228Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641CO LIGHTKEY-LD5641CO Datasheet
228Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641CPG LIGHTKEY-LD5641CPG Datasheet
228Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641CR LIGHTKEY-LD5641CR Datasheet
228Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
More results

Similar Description - LD5641AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5644AB LIGHTKEY-LD5644AB Datasheet
168Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5641CD LIGHTKEY-LD5641CD Datasheet
228Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
logo
P-tec Corporation
PD46-CAMR24 P-TEC-PD46-CAMR24 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR21 P-TEC-PD46-CAMR21 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMG13 P-TEC-PD46-CAMG13 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMR12 P-TEC-PD46-CAMR12 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
PD46-CAMY01 P-TEC-PD46-CAMY01 Datasheet
25Kb / 1P
   Four Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com