Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS14C88 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS14C88
Description  QUAD CMOS Line Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS14C88 Datasheet(HTML) 3 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics (Notes 5, 6)
Over Recommended Operating Conditions, unless otheriwse specified (
Figures 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH
Propagation Delay
V
+ = +4.5V, V= −4.5V
1.5
6.0
µs
Low to High
V
+ = +9.0V, V= −9.0V
1.2
5.0
µs
V
+ = +12V, V= −12V
1.2
4.0
µs
t
PHL
Propagation Delay
V
+ = +4.5V, V= −4.5V
1.5
6.0
µs
High to Low
V
+ = +9.0V, V= −9.0V
1.35
5.0
µs
V
+ = +12V, V= −12V
1.3
4.0
µs
t
r
Rise Time (Note 7)
0.2
1.0
µs
t
f
Fall Time (Note 7)
0.2
1.0
µs
tsk
Typical Propagation
V
+ = +4.5V, V= −4.5V
250
ns
Delay Skew
V
+ = +9.0V, V= −9.0V
200
ns
V
+ = +12V, V= −12V
150
ns
S
R
Output Slew Rate
R
L = 3kΩ to7kΩ
30
V/µs
(Note 7)
C
L = 15 pF to 2500 pF
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Derate N Package 12.1 mW/˚C, and M Package 8.5 mW/˚C above +25˚C.
Note 3: IOS+ and IOS− values are for one output at a time. If more than one output is shorted simultaneously, the device dissipation may be exceeded.
Note 4: Power supply (V+,V) and GND pins are connected to ground for the Output Resistance Test (RO).
Note 5: AC input test waveforms for test purposes: tr = tf ≤ 20 ns, VIH = 2V, VIL = 0.8V (0.6V at V
+ = 4.5V, V= −4.5V)
Note 6: Input rise and rall times must not exceed 5 µs.
Note 7: The output slew rate, rise time, and fall time are measured from the +3.0V to the −3.0V level on the output waveform.
Note 8: CL include jig and probe capacitances.
Note 9: ESD Rating (HBM, 1.5 k
Ω, 100 pF) ≥ 1.0 kV.
Parameter Measure Information
DS011105-2
FIGURE 1. Output Resistance Test Circuit (Power-Off)
DS011105-3
FIGURE 2. Driver Load Circuit (Note 8)
www.national.com
3


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV047A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
ST26C31CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
STLVDS473V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
DS14C88TQUAD CMOS Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn