Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA16NP01H104JNU0 Datasheet(PDF) 10 Page - TDK Electronics

Part # FA16NP01H104JNU0
Description  MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FA16NP01H104JNU0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button FA16NP01H104JNU0 Datasheet HTML 6Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 7Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 8Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 9Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 10Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 11Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 12Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 13Page - TDK Electronics FA16NP01H104JNU0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
(10/26)
20150731 / leadmlcc_halogenfree_fa150_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
FA24 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
CLASS 1 (TEMPERATURE COMPENSATION)
* The part numbers are TDK’s standard specification products.
The " □ " of the Part Number contains the packaging symbol, 0 (Bulk packaging) or 6 (Taping packaging).
CLASS 2 (TEMPERATURE STABLE)
* The part numbers are TDK’s standard specification products.
The " □ " of the Part Number contains the packaging symbol, 0 (Bulk packaging) or 6 (Taping packaging).
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc (V)
Part No.
NP0
15nF
±5
50
FA24NP01H153JNU0
NP0
22nF
±5
50
FA24NP01H223JNU0
NP0
33nF
±5
50
FA24NP01H333JNU0
NP0
3.9nF
±5
100
FA24NP02A392JNU0
NP0
4.7nF
±5
100
FA24NP02A472JNU0
NP0
5.6nF
±5
100
FA24NP02A562JNU0
NP0
6.8nF
±5
100
FA24NP02A682JNU0
NP0
8.2nF
±5
100
FA24NP02A822JNU0
NP0
10nF
±5
100
FA24NP02A103JNU0
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc (V)
Part No.
X8R
150nF
±10
25
FA24X8R1E154KNU0
X8R
220nF
±10
25
FA24X8R1E224KNU0
X8R
330nF
±10
25
FA24X8R1E334KNU0
X8R
470nF
±10
25
FA24X8R1E474KRU0
X8R
68nF
±10
50
FA24X8R1H683KNU0
X8R
100nF
±10
50
FA24X8R1H104KNU0
X8R
150nF
±10
50
FA24X8R1H154KRU0
X8R
220nF
±10
50
FA24X8R1H224KRU0
X8R
22nF
±10
100
FA24X8R2A223KNU0
X8R
47nF
±10
100
FA24X8R2A473KRU0
X8R
68nF
±10
100
FA24X8R2A683KRU0


Similar Part No. - FA16NP01H104JNU0

ManufacturerPart #DatasheetDescription
logo
Epson Company
FA1612AS EPSON-FA1612AS Datasheet
411Kb / 2P
   MHz RANGE CRYSTAL UNIT Built-in thermistor
logo
Littelfuse
FA165 LITTELFUSE-FA165 Datasheet
365Kb / 2P
   Tower and Obstruction Lighting Controls
Rev: 1-A-062316
FA165-2 LITTELFUSE-FA165-2 Datasheet
365Kb / 2P
   Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
Ledil, Inc.
FA16662 LEDIL-FA16662 Datasheet
2Mb / 4P
   ~60째 batwing beam. Assembly with black holder and installation tape.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
   ~20째 spot beam. Assembly with installation tape.
More results

Similar Description - FA16NP01H104JNU0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA11C0G2A473JNU00 TDK-FA11C0G2A473JNU00 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FG11X7R1E475KNT00 TDK-FG11X7R1E475KNT00 Datasheet
267Kb / 31P
   MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK20X7R2E104K TDK-FK20X7R2E104K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com