Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2034 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2034
Description  Single 4:1 Low rON Multiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2034 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2034 Datasheet HTML 1Page - Vishay Siliconix DG2034 Datasheet HTML 2Page - Vishay Siliconix DG2034 Datasheet HTML 3Page - Vishay Siliconix DG2034 Datasheet HTML 4Page - Vishay Siliconix DG2034 Datasheet HTML 5Page - Vishay Siliconix DG2034 Datasheet HTML 6Page - Vishay Siliconix DG2034 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DG2034
Vishay Siliconix
New Product
Document Number: 72418
S-31808—Rev. A, 01-Sept-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
-80 -60 -40 -20 0
20 40 60 80 100 120 140
-120
-100
-80
-60
-40
-20
0
20
0.2
0.6
1.0
1.4
1.8
2.2
123456
V+ - Supply Voltage (V)
Switching Threshold vs. Supply Voltage
10 k
1 M
100 M
1 G
Frequency (Hz)
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
OIRR
Loss
10 M
Switching Time vs. Temperature
Temperature (_C)
XTALK
tON V+ = 5.5 V
tON V+ = 3.3 V
tOFF V+ = 3.3 V
tOFF V+ = 5.5 V
100 k
V+ = 3.3 V
RL = 50 W
-6
-5
-4
-3
-2
-1
0
1
2
3
0123456
VCOM - Analog Voltage (V)
Charge Injection vs. Analog Voltage
V+ = 3.3 V
V+ = 5.5 V
CL = 1 nF
10
15
20
25
30
35
-80 -60 -40 -20 0
20 40 60 80 100 120 140
Transistion Time vs. Temperature
tTRANS-, V+ = 3.0 V
Temperature (_C)
tTRANS+, V+ = 3.3 V
tTRANS-, V+ = 5.5 V
tTRANS+, V+ = 5.5 V
RL = 300 W
V+ = 1.8 V


Similar Part No. - DG2034

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2034 VISHAY-DG2034 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
DG2034 VISHAY-DG2034 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034DN-T1-E4 VISHAY-DG2034DN-T1-E4 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
DG2034DN-T1-E4 VISHAY-DG2034DN-T1-E4 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034DQ-T1-E3 VISHAY-DG2034DQ-T1-E3 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
More results

Similar Description - DG2034

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Protek Devices
PA2034 PROTEC-PA2034 Datasheet
273Kb / 9P
   Single 4:1 Low RON Multiplexer
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
   3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
logo
Texas Instruments
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
[Old version datasheet]   TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
   3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. F, 17-Feb-03
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com