Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5321DUW Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5321DUW
Description  0.54 inch Dual Digit 14 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5321DUW Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5321DUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5321DUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5321DUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121707
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.54 inch Dual Digit 14 Segment LED Display
Internal Circuit Diagram
LD5321D
LD5321C
Selection Guide
Dual Digit 14 Segment LED Display, Digit Height: 13.80mm(0.54inch), External Dimensions:
25.20x21.10x7.80mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
ommon
Material
Color
WLD
M
i
.
C
Cathode
Anode
in.
Typ.
M n.
Typ
L
LD
GaAlAs
Super Red
640
D5321CR
5321DR
8
10
8
10
LD5321CD
LD5321DD
GaAlAs
Hi-Red
640
18
25
18
25
LD5321CO
LD5321DO
GaAsP
Orange
625
7
9
7
9
LD5321CY
LD5321DY
GaAsP
Yellow
588
8
10
8
10
LD5321CG
LD5321DG
GaP
Green
568
7
9
7
9
LD5321CUR
AlGaInP
U
LD5321DUR
ltra Red
640
30
45
30
45
LD5321CUO
LD5321DUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5321CUA
LD5321DUA
AlGaInP
Ultra Amber
65
30
45
30
45
LD5321CUY
LD5321DUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5321CUG
LD5321DUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5321CPG
LD5321DPG
InGaN
Pure Green
525
120
300
120
300
LD5321CUB
LD5321DUB
InGaN
Ultra Blue
470
30
45
30
45
LD5321CUW
LD5321DUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5321DUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5321AB LIGHTKEY-LD5321AB Datasheet
162Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321AD LIGHTKEY-LD5321AD Datasheet
162Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321AG LIGHTKEY-LD5321AG Datasheet
162Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321AO LIGHTKEY-LD5321AO Datasheet
162Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321APG LIGHTKEY-LD5321APG Datasheet
162Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
More results

Similar Description - LD5321DUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5321AB LIGHTKEY-LD5321AB Datasheet
162Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
logo
Kingbright Corporation
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12EWA KINGBRIGHT-PDC54-12EWA Datasheet
129Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12SRWA KINGBRIGHT-PDC54-12SRWA Datasheet
127Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12YWA KINGBRIGHT-PDC54-12YWA Datasheet
135Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12YWA KINGBRIGHT-PDA54-12YWA Datasheet
136Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12GWA KINGBRIGHT-PDA54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
logo
SunLED Corporation
AUY14C2 SUNLED-AUY14C2 Datasheet
203Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com