Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5015FPG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5015FPG
Description  0.50 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5015FPG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5015FPG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5015FPG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5015FPG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121700
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.50 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD5015E (Common Cathode)
A2
2
A1
8
9
D1
D2
13
16
BC
14
15
14
5
6
G1
G2
H
F
E
18
7
11
12
17
3
N
M
L
K
JD
10
P
LD5015F (Common Anode)
A2
A1C
BD2
D1
E
F
H
G2
G1
J
K
L
M
N
DP
28
9
16
113
4
15
14
5
67
11
12
317
10
18
Selection Guide
Single Digit 7 Segment LED Display, Digit Height:12.70mm(0.50 inch), External Dimensions:
16.00x25.00x9.50mm (L x W x H)
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5015ER
LD5015FR
GaAlAs
Super Red
640
8
10
8
10
LD5015ED
LD5015FD
GaAlAs
Hi-Red
640
18
25
18
25
LD5015EO
LD5015FO
GaAsP
Orange
625
7
9
7
9
LD5015EY
LD5015FY
GaAsP
Yellow
588
8
10
8
10
LD5015EG
LD5015FG
GaP
Green
568
7
9
7
9
LD5015EUR
LD5015FUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5015EUO
LD5015FUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5015EUA
LD5015FUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5015EUY
LD5015FUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5015EUG
LD5015FUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5015EPG
LD5015FPG
InGaN
Pure Green
525
120
300
120
300
LD5015EUB
LD5015FUB
InGaN
Ultra Blue
470
30
45
30
45
LD5015EUW
LD5015FUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5015FPG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5015FPG LIGHTKEY-LD5015FPG Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD5015FPG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015CD LIGHTKEY-LD5015CD Datasheet
169Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015EF LIGHTKEY-LD5015EF Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5011AB LIGHTKEY-LD5011AB Datasheet
151Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
logo
LIGITEK electronics co....
LSD505-64-XX LIGITEK-LSD505-64-XX Datasheet
95Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-62-XX-P10-PF LIGITEK-LSD505-62-XX-P10-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-61-XX-RP20 LIGITEK-LSD505-61-XX-RP20 Datasheet
123Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-62-XX-P1-PF LIGITEK-LSD505-62-XX-P1-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com