Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5015FG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD5015FG
Description  0.50 inch Single Digit 16 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5015FG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD5015FG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5015FG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5015FG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121700
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.50 inch Single Digit 16 Segment LED Display
LD5015E/F Series - 0.50 inch Single Digit 16 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative segment color
Alternative font
Common Cathode is available
Cropped terminal pins
Features
12.70 mm (0.50 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment
RoHS compliant
Package Dimensions
PIN1
1.20
10
8.20
16.00
12.70
0.51
2.54 8=20.32
A1
A2
B
C
D1
E
F
G1
DP
D2
G2
M
L
J
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD5015FG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5015FG LIGHTKEY-LD5015FG Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD5015FG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015CD LIGHTKEY-LD5015CD Datasheet
169Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015EF LIGHTKEY-LD5015EF Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5011AB LIGHTKEY-LD5011AB Datasheet
151Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
logo
LIGITEK electronics co....
LSD505-64-XX LIGITEK-LSD505-64-XX Datasheet
95Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-62-XX-P10-PF LIGITEK-LSD505-62-XX-P10-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-61-XX-RP20 LIGITEK-LSD505-61-XX-RP20 Datasheet
123Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
LSD505-62-XX-P1-PF LIGITEK-LSD505-62-XX-P1-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.50 Inch)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com