Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5321AUB Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5321AUB
Description  0.54 inch Dual Digit 14 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5321AUB Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5321AUB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5321AUB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5321AUB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121706
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.54 inch Dual Digit 14 Segment LED Display
Internal Circuit Diagram
LD5321A (Common Cathode)
14
6 17 15
2
5
4
8
DIG.1
KL
16
H
G2
J
11
DP
MN
DIG.2
7
12 10 9
1 18
DE
B
AC
F
13
G1
C
AB
E
DM
L
K
J
H
G2
G1
FN
3
NO CONNECT
DP
LD55321B (Common Anode)
5
9
10
12
14
15
17
6
13
18
1
7
D
B
AC
F
DIG.1
G1 G2 H
J
K
L
E
8
2
4
DP
NC
AB
D
M
DIG.2
L
K
J
H
G2
G1
EF
16
11
DP
MN
3
NO CONNECT
Selection Guide
Dual Digit 14 Segment LED Display, Digit Height:13.60mm(0.53 inch), External Dimensions:
25.10x21.20x8.50mm (L x W x H)
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5321AR
LD5321BR
GaAlAs
Super Red
640
8
10
8
10
LD5321AD
LD5321BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5321AO
LD5321BO
GaAsP
Orange
625
7
9
7
9
LD5321AY
LD5321BY
GaAsP
Yellow
588
8
10
8
10
LD5321AG
LD5321BG
GaP
Green
568
7
9
7
9
LD5321AUR
LD5321BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5321AUO
LD5321BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5321AUA
LD5321BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5321AUY
LD5321BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5321AUG
LD5321BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5321APG
LD5321BPG
InGaN
Pure Green
525
120
300
120
300
LD5321AUB
LD5321BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5321AUW
LD5321BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5321AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5321CD LIGHTKEY-LD5321CD Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CG LIGHTKEY-LD5321CG Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CO LIGHTKEY-LD5321CO Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CPG LIGHTKEY-LD5321CPG Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CR LIGHTKEY-LD5321CR Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
More results

Similar Description - LD5321AUB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5321CD LIGHTKEY-LD5321CD Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
logo
Kingbright Corporation
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12EWA KINGBRIGHT-PDC54-12EWA Datasheet
129Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12SRWA KINGBRIGHT-PDC54-12SRWA Datasheet
127Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12YWA KINGBRIGHT-PDC54-12YWA Datasheet
135Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12YWA KINGBRIGHT-PDA54-12YWA Datasheet
136Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12GWA KINGBRIGHT-PDA54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
logo
SunLED Corporation
AUY14C2 SUNLED-AUY14C2 Datasheet
203Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com