Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5022LD Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD5022LD
Description  0.50 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5022LD Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD5022LD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5022LD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5022LD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121701
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.50 inch Single Digit 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward Voltage@
IF=20mA
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
1.8
2.2
50
60
25
100
Super Red
Per DP
1.8
2.2
50
60
25
100
Per Seg.
1.8
2.2
50
60
25
100
Hi-Red
Per DP
1.8
2.2
50
60
25
100
Per Seg.
2.1
2.5
50
80
50
100
Orange
Per DP
2.1
2.5
50
80
50
100
Per Seg.
2.1
2.5
50
80
50
100
Yellow
Per DP
2.1
2.5
50
80
50
100
Per Seg.
2.2
2.5
50
80
50
100
Green
Per DP
2.2
2.5
50
80
50
100
Per Seg.
1.9
2.6
50
60
50
100
Ultra Red
Per DP
1.9
2.6
50
60
50
100
Per Seg.
2
2.6
50
65
50
100
Ultra Orange
Per DP
2
2.6
50
65
50
100
Per Seg.
2
2.6
50
65
50
100
Ultra Amber
Per DP
2
2.6
50
65
50
100
Per Seg.
2
2.6
50
65
50
100
Ultra Yellow
Per DP
2
2.6
50
65
50
100
Per Seg.
2.1
2.6
50
75
50
100
Ultra Green
Per DP
2.1
2.6
50
75
50
100
Per Seg.
3.5
4
50
110
50
100
Pure Green
Per DP
3.5
4
50
110
50
100
Per Seg.
3.5
4
50
120
50
100
Ultra Blue
Per DP
3.5
4
50
120
50
100
Per Seg.
3.5
4
50
120
50
100
Ultra White
Per DP
3.5
4
50
120
50
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD5022LD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD502 ETC-LD502 Datasheet
159Kb / 4P
   Low Distortion AGC Compression Amplifier
More results

Similar Description - LD5022LD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5011AB LIGHTKEY-LD5011AB Datasheet
151Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015CD LIGHTKEY-LD5015CD Datasheet
169Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015E LIGHTKEY-LD5015E Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015EF LIGHTKEY-LD5015EF Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com