Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5321AG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD5321AG
Description  0.54 inch Dual Digit 14 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5321AG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD5321AG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5321AG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5321AG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121706
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.54 inch Dual Digit 14 Segment LED Display
LD5321A/B Series - 0.54 inch Dual Digit 14 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
13.60 mm (0.54 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
8.0
5
1.0
25.10
12.70
PIN 1
2.54*8=20.32
15.24
DIG.2
DIG.1
F
H
B
J
K
A
D
DP
C
L
M
N
G1
G2
E
0.51
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD5321AG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5321CD LIGHTKEY-LD5321CD Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CG LIGHTKEY-LD5321CG Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CO LIGHTKEY-LD5321CO Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CPG LIGHTKEY-LD5321CPG Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CR LIGHTKEY-LD5321CR Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
More results

Similar Description - LD5321AG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5321CD LIGHTKEY-LD5321CD Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
logo
Kingbright Corporation
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12EWA KINGBRIGHT-PDC54-12EWA Datasheet
129Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12SRWA KINGBRIGHT-PDC54-12SRWA Datasheet
127Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-12YWA KINGBRIGHT-PDC54-12YWA Datasheet
135Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12YWA KINGBRIGHT-PDA54-12YWA Datasheet
136Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12GWA KINGBRIGHT-PDA54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
logo
SunLED Corporation
AUY14C2 SUNLED-AUY14C2 Datasheet
203Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com