Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA18NP02A271JNU0 Datasheet(PDF) 3 Page - TDK Electronics

Part # FA18NP02A271JNU0
Description  MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FA18NP02A271JNU0 Datasheet(HTML) 3 Page - TDK Electronics

  FA18NP02A271JNU0 Datasheet HTML 1Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 2Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 3Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 4Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 5Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 6Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 7Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 8Page - TDK Electronics FA18NP02A271JNU0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
(3/26)
20150731 / leadmlcc_halogenfree_fa150_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
MLCC with Dipped Radial Lead
Halogen-free, Automotive Grade, High Temperature Application
FEATURES
A lineup with a rated voltage of 25V to 100V.
Compatible with a wide capacitance range of 10pF to 4.7μF.
For guaranteed applications withstanding rigorous temperature environments of up to 150°C.
The FA series for automotive use is AEC-Q200 compliant.
APPLICATION
Noise reduction measures for various motors for automotive use
Resonant circuits in areas such as keyless entry systems
Bypass capacitors such as for switching power sources, smoothing capacitors, etc.
Snubber circuits
PFC input filters
PART NUMBER CONSTRUCTION
Applicable capacitance range: Max. 10 pF for D, over 10 pF for J and K.
Applied to the TDK’s standard specification products.
OPERATING TEMPERATURE RANGE
The Storage temperature range is for after the circuit board is mounted.
Overview of the FA Series
FA
2
8
NP0
1H
100
D
□□□
Series
name
Lead pitch
(mm)
LxWxT
Dimensions
(mm)
Capacitance
temperature
characteristics
Rated
voltage
(V)
Nominal
capacitance
Capacitance
tolerance
Internal
code
Packaging
Style
1
2.5
8
4.0x5.5x2.5
NP0 0±30ppm/°C
1E
25
100
10pF
D
±0.5pF
0
Bulk
2
5.0
4
4.5x5.5x3.0
X8R
±15%
1H
50
101
100pF
J
±5%
6
Taping
6
5.5x6.0x3.5
2A
100
102 1,000pF
K
±10%
0
5.5x7.0x4.0
105
1uF
1
5.5x7.0x4.0
2
7.5x8.5x4.5
Capacitance temperature
characteristics
Operating temperature range
Operating temperature
Storage temperature
(°C)
(°C)
NP0, X8R
–55 to +150
–55 to +150
Product compatible with RoHS directive
Halogen-free
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - FA18NP02A271JNU0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA18C0G1H010CNU0 TDK-FA18C0G1H010CNU0 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FA18C0G1H010CNU00 TDK-FA18C0G1H010CNU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G1H010CNU06 TDK-FA18C0G1H010CNU06 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G1H100DNU0 TDK-FA18C0G1H100DNU0 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FA18C0G1H100DNU00 TDK-FA18C0G1H100DNU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
More results

Similar Description - FA18NP02A271JNU0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA11C0G2A473JNU00 TDK-FA11C0G2A473JNU00 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FG11X7R1E475KNT00 TDK-FG11X7R1E475KNT00 Datasheet
267Kb / 31P
   MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK20X7R2E104K TDK-FK20X7R2E104K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com