Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5011BUA Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5011BUA
Description  0.50 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5011BUA Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5011BUA Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5011BUA Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5011BUA Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121696
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.50 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD5011A (Common Cathode)
LD5011B (Common Anode)
B
7
A
64
C
10
21
DE
9
FG
3,8
5
DP
764
B
A
C
10
21
9
DE
3,8
FG
5
DP
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 12.70mm(0.50inch), External Dimensions:
12.60x19.00x8.00mm (L x W x H)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5011AR
LD5011BR
GaAlAs
Super Red
640
8
10
8
10
LD5011AD
LD5011BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5011AO
LD5011BO
GaAsP
Orange
625
7
9
7
9
LD5011AY
LD5011BY
GaAsP
Yellow
588
8
10
8
10
LD5011AG
LD5011BG
GaP
Green
568
7
9
7
9
LD5011AUR
LD5011BUR
AlGaInP
Ultra Red
640
50
45
50
45
LD5011AUO
LD5011BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5011AUA
LD5011BUA
AlGaInP
Ultra Amber
605
50
45
50
45
LD5011AUY
LD5011BUY
AlGaInP
Ultra Yellow
595
50
45
50
45
LD5011AUG
LD5011BUG
AlGaInP
Ultra Green
573
50
45
50
45
LD5011APG
LD5011BPG
InGaN
Pure Green
525
120
500
120
500
LD5011AUB
LD5011BUB
InGaN
Ultra Blue
470
50
45
50
45
LD5011AUW
LD5011BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5011BUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5011BURUG LIGHTKEY-LD5011BURUG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD5011BUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD5015AB LIGHTKEY-LD5015AB Datasheet
168Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015CD LIGHTKEY-LD5015CD Datasheet
169Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015E LIGHTKEY-LD5015E Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD5015EF LIGHTKEY-LD5015EF Datasheet
155Kb / 3P
   0.50 inch Single Digit 16 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com