Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY74-2 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part No. CNY74-2
Description  Multichannel Optocoupler with Phototransistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

CNY74-2 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  CNY74-2 Datasheet HTML 1Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 2Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 3Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 4Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 5Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TELEFUNKEN Semiconductors
CNY74-2/CNY74-4
Rev. A1: 19.09.1995
5 (6)
Channel I
Channel II
1 k
W
50
W
+ 5 V
Oscilloscope
R
L w 1 M
W
C
L v 20 pF
I
C
IF = 10 mA
I
F
R
G = 50 W
t
p
t
p = 50 ms
T
= 0.01
0
95 10843
Figure 2. Test circuit, saturated operation


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn