Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY74-2 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part No. CNY74-2
Description  Multichannel Optocoupler with Phototransistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

CNY74-2 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  CNY74-2 Datasheet HTML 1Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 2Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 3Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 4Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 5Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TELEFUNKEN Semiconductors
CNY74-2/CNY74-4
Rev. A1: 19.09.1995
3 (6)
Electrical Characteristics
for single coupled system, Tamb = 25°C
Input (Emitter)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Breakdown voltage
IR = 100
mA
V(BR)
5
V
Output (Detector)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter break-
down voltage
IC = 1 mA
V(BR)CEO
70
V
Emitter collector break-
down voltage
IE = 100
mA
V(BR)ECO
7
V
Collector dark current
VCE = 20 V,
IF = 0, E = 0
ICEO
100
nA
Coupler
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
DC Isolation test voltage
t = 2 s
VIO 1)
2.5
kV
Isolation resistance
VIO = 1000 V,
40% relative humidity
RIO 1)
1010
1012
W
Collector current
IF = 5 mA, VCE = 5 V
IF = 10 mA, VCE = 5 V
IC
IC
2.5
6
5
12
30
mA
mA
IC/IF
IF = 10 mA, VCE = 5 V
CTR
0.5
1
6
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100
W
fc
100
kHz
Coupling capacitances
f = 1 MHz
Ck
0.3
pF
1)
related to standard climate 23/50 DIN 50 014


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn