Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY74-2 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part No. CNY74-2
Description  Multichannel Optocoupler with Phototransistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

CNY74-2 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  CNY74-2 Datasheet HTML 1Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 2Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 3Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 4Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 5Page - TEMIC Semiconductors CNY74-2 Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TELEFUNKEN Semiconductors
CNY74-2/CNY74-4
Rev. A1: 19.09.1995
2 (6)
Absolute Maximum Ratings
for single coupled system
Input (Emitter)
Parameters
Test Conditions
Symbol
Value
Unit
Reserve voltage
VR
6
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10
ms
IFSM
1.5
A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
125
°C
Output (Detector)
Parameters
Test Conditions
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7
V
Collector current
IC
50
mA
Peak collector current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Tamb ≤ 25°C
PV
150
mW
Junction temperature
Tj
125
°C
Coupler
Parameters
Test Conditions
Symbol
Value
Unit
DC Isolation test voltage
VIO 1)
2.5
V
Total power dissipation
Tamb ≤ 25°C
Ptot
250
mW
Ambient temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +125
°C
Soldering temperature
2 mm from case,
t
≤ 10 s
Tsd
260
°C
1)
related to standard climate 23/50 DIN 50 014


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn