![]() |
Electronic Components Datasheet Search |
|
CNY74-2 Datasheet(PDF) 1 Page - TEMIC Semiconductors |
|
CNY74-2 Datasheet(HTML) 1 Page - TEMIC Semiconductors |
1 / 6 page ![]() TELEFUNKEN Semiconductors CNY74-2/CNY74-4 Rev. A1: 19.09.1995 1 (6) Multichannel Optocoupler with Phototransistor Output Description The CNY74-2 and CNY74-4 consist of a phototransistor optically coupled to a gallium arsenide infrared emitting diode in a 8 lead, resp. 16 lead plastic dual inline pack- ages. The elements are mounted on one leadframe in coplanar technique, providing a fixed distance between input and output for highest safety requirements. 95 10828 95 10534 Applications Galvanically separated circuits, non-interacting switches. Features D CNY74-2 includes 2 isolator channels D CNY74-4 includes 4 isolator channels D DC isolation test voltage VIO = 2.5 kV D Test class 25/100/21 DIN 40 045 D Low coupling capacitance typical 0.3 pF D Current Transfer Ratio (CTR) typical 100% D Low temperature coefficient of CTR D Wide ambient temperature range Pin Connections 87 6 2 3 1 4 5 16 15 14 2 3 1 4 13 12 11 10 9 6 7 5 8 CNY74-2 CNY74-4 |