Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82721A2152N001 Datasheet(PDF) 1 Page - TDK Electronics

Part # B82721A2152N001
Description  Current-compensated ring core double chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82721A2152N001 Datasheet(HTML) 1 Page - TDK Electronics

  B82721A2152N001 Datasheet HTML 1Page - TDK Electronics B82721A2152N001 Datasheet HTML 2Page - TDK Electronics B82721A2152N001 Datasheet HTML 3Page - TDK Electronics B82721A2152N001 Datasheet HTML 4Page - TDK Electronics B82721A2152N001 Datasheet HTML 5Page - TDK Electronics B82721A2152N001 Datasheet HTML 6Page - TDK Electronics B82721A2152N001 Datasheet HTML 7Page - TDK Electronics B82721A2152N001 Datasheet HTML 8Page - TDK Electronics B82721A2152N001 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
a~í~=pÜÉÉí
a~í~=pÜÉÉí
EPCOS AG 2015. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without EPCOS’ prior express consent is prohibited.
EPCOS AG is a TDK Group Company.
Power line chokes
Current-compensated ring core double chokes
250 V AC, 0.2 … 47 mH, 0.3 … 6 A, +40 °C / + 50 °C / +60 °C / +70 °C
Series/Type:
B82721A/J/K
Date:
July 2015


Similar Part No. - B82721A2152N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721A2152N001 EPCOS-B82721A2152N001 Datasheet
207Kb / 8P
   Power line chokes
B82721A2152N001 EPCOS-B82721A2152N001 Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
More results

Similar Description - B82721A2152N001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com