Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B82721A2152N001 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B82721A2152N001
Description  Current-compensated ring core double chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82721A2152N001 Datasheet(HTML) 4 Page - TDK Electronics

  B82721A2152N001 Datasheet HTML 1Page - TDK Electronics B82721A2152N001 Datasheet HTML 2Page - TDK Electronics B82721A2152N001 Datasheet HTML 3Page - TDK Electronics B82721A2152N001 Datasheet HTML 4Page - TDK Electronics B82721A2152N001 Datasheet HTML 5Page - TDK Electronics B82721A2152N001 Datasheet HTML 6Page - TDK Electronics B82721A2152N001 Datasheet HTML 7Page - TDK Electronics B82721A2152N001 Datasheet HTML 8Page - TDK Electronics B82721A2152N001 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
07/15
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated voltage VR
250 V AC (50/60 Hz)
Test voltage Vtest
1500 V AC, 2 s (line/line)
Rated temperature TR
+40 °C / +50 °C / +60 °C / +70 °C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 0.1 mA, +20 °C
Measuring frequency: LR 1 mH: f=100 kHz
LR > 1 mH: f= 10 kHz
Inductance is specified per winding.
Inductance tolerance
30% at +20 °C
Inductance decrease L/L0
< 10% at DC magnetic bias with IR, +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 5 mA, +20 °C, typical
values
Measuring frequency: LR 1 mH: f= 100 kHz
LR > 1 mH: f= 10 kHz
DC resistance Rtyp
Measured at +20 °C, typical values, specified per winding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: +(245 5) °C, (3 0.3) s
Wetting of soldering area
95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260 5) °C, (10 1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
75% RH
Weight
Approx. 5 g
Approvals
IEC / EN 60938-2, UL 1283 (E70122)
B82721A/J/K
Power line chokes
Current-compensated ring core double chokes


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn