Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDF24E-10-300 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LDF24E-10-300
Description  300 - 700 mA Output Current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDF24E-10-300 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LDF24E-10-300 Datasheet HTML 1Page - MicroPower Direct, LLC LDF24E-10-300 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature, SMT
Constant Current Output
DC/DC LED Drivers
Key Features:
300 - 700 mA Output Current
Constant Current Output
Miniature SMTCase
PWM & Analog Dimming
Wide 5.5V to 48V Input Range
Efficiency to 96%
2.0 MHrs MTBF
Low, Low Cost!
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5.5
24.0
48.0
VDC
Max Input Voltage
See Note 1
55.0
VDC
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Current Accuracy
Vin = 24V
±2.0
±3.0
%
Output Current Stability
Vin = 48V
±1.0
%
Output Capacitive Load
1,000
µF
Ripple & Noise
120
mV P-P
Temperature Coefficient
±0.015
%/ºC
Output Short Circuit
Continuous
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range, Ambient
300 mA, 350 mA Output Models
-40
+25
+85
º
C
All Other Models
-40
+25
+71
Operating Temperature Range, Case
Case
+100
º
C
Storage Temperature Range
-55
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Physical
Case Size
0.94 x 0.54 x 0.295 Inches (23.86 x 13.70 x 7.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.212 Oz (6.0g)
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Units
DC/DC On
Open Or 2.8 VDC < 6.0 VDC
DC/DC Off
<0.6 VDC
Remote Pin Drive Current
Vcont = 5.0 VDC
1
mA
Quiescent Input Current (Shutdown Mode)
Vin = 24V, Vcont = <0.6 VDC
400
µA
PWM Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation Frequency
0.2
10
kHz
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
S
LDF24E-xx-xxx
Connection Notes:
1. Input filter components (C1, L1 & C2) are
used to help meet the conducted emissions
requirements (EN 55022 B) for the unit.
Recommended values are:
C2 - 2.2 µF
L1 - 1.25 mH
C3 - 1.0 µF
Other components added to the circuit
include an input storage capacitor to help
prevent problems due to input line sags and
an output capacitor to improve performance.
Recommended values are:
C1 - 470 µF
C4 - 1.0 µF
2. To comply with EN61000-4-5, a TVS should
be installed before the input filter compo-
nents. A SMCG51 is recommended.
2
Typical Connection: AC Input
Typical Connection: DC Input


Similar Part No. - LDF24E-10-300

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
   Miniature, SMT Constant Current Output DC/DC LED Drivers
More results

Similar Description - LDF24E-10-300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP222 AD-ADP222 Datasheet
750Kb / 24P
   Dual, 300 mA Output, Low Noise
REV. B
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
254Kb / 14P
   700 mA Quad Channel Constant Current LED Driver
Doc. No. MD-5041 Rev. B
CAT4104 ONSEMI-CAT4104 Datasheet
184Kb / 13P
   700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
   700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com