Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC-100-2800x Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # LBC-100-2800x
Description  100W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LBC-100-2800x Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  LBC-100-2800x Datasheet HTML 1Page - MicroPower Direct, LLC LBC-100-2800x Datasheet HTML 2Page - MicroPower Direct, LLC LBC-100-2800x Datasheet HTML 3Page - MicroPower Direct, LLC LBC-100-2800x Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions: A Model
Mechanical Dimensions: B Model (Dimming Function)
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
Black
-LED
Red
+LED
Wire Connections: Output
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
White
-DIM
Blue
+DIM
Black
-LED
Red
+LED
Wire Connections: Output


Similar Part No. - LBC-100-2800x

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LBC-160 MPD-LBC-160 Datasheet
1Mb / 4P
   160W Output Power
LBC-160-2450x MPD-LBC-160-2450x Datasheet
1Mb / 4P
   160W Output Power
LBC-160-2800x MPD-LBC-160-2800x Datasheet
1Mb / 4P
   160W Output Power
LBC-160-3150x MPD-LBC-160-3150x Datasheet
1Mb / 4P
   160W Output Power
LBC-160-3850x MPD-LBC-160-3850x Datasheet
1Mb / 4P
   160W Output Power
More results

Similar Description - LBC-100-2800x

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
   100W Output Power
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NED-100_0809 MEANWELL-NED-100_0809 Datasheet
417Kb / 2P
   100W Dual Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
PQ-100 MEANWELL-PQ-100_12 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com