Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDC-100 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part No. LDC-100
Description  100W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPD [MicroPower Direct, LLC]
Homepage  http://www.micropowerdirect.com
Logo 

LDC-100 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions: A Model
Mechanical Dimensions: B Model (Dimming Function)
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
Black
-LED
Red
+LED
Wire Connections: Output
Color
Function
Green/Yellow
Field Ground
Brown
AC-Line
Blue
AC-Neutral
Wire Connections: Input
Color
Function
White
-DIM
Blue
+DIM
Black
-LED
Red
+LED
Wire Connections: Output


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn